Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1508 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KBPC1508
Description  CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC1508 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KBPC1508 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC1508 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES KBPC15005/W THRU KBPC1510/W
0.01
0.1
1.0
10
100
0
0.4
0.8
1.0
1.6
1.8
0.6
0.2
1.2
1.4
V , INST ANT ANEOUS FOR WARD VOL TAGE (V)
Fi g. 2 Typical Forward Characteristics (per element)
F
T = 25 C
j
Pulse Width = 300 s
0
100
200
300
400
1
10
100
NUMBER OF CYCLES
AT 60 Hz
Fi g. 3 Maximum Non-Repetitive Sur ge Current
Single Half-Sine Wave
(JEDEC Method)
T = 150 C
j
0.1
1.0
10
40
0
60
80
100
120
140
PERCENT
OF RA TED PEAK REVERSE
VOL TAGE (%)
Fi g. 4 Typical Reverse Characteristics (per element)
0.01
20
T = 100 C
j
T = 25 C
j
0
10
20
0
25
50
75
100
125
150
T , CASE TEMPERA TURE ( C )
Fi g. 1 Forward. Current Deratin g Curve.
C
Resistive or
Inductive load
Mounted on a
220 x 220 x 50mm
AL plate heatsink
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com