Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASA Datasheet(PDF) 1 Page - Weller Tools

Part # 2ASA
Description  Precision tweezers with flat rounded tips for gripping components.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

2ASA Datasheet(HTML) 1 Page - Weller Tools

  2ASA Datasheet HTML 1Page - Weller Tools 2ASA Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
2ASA
Product no.: 2ASA
Precision tweezers with flat rounded tips for gripping
components.
source images
Suitable for all standard gripping applications and
assembly jobs on printed-circuit boards, e.g. in the
goldsmith and jewelry industries
Special stainless steel, nonmagnetic, non-rusting,
acid-proof, heat-resistant
Tip width 2 mm/.078 Inch.
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 2ASA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2ASA ETC2-2ASA Datasheet
2Mb / 60P
Cooper Hand Tools
logo
Weller Tools
2ASARU WELLER-2ASARU Datasheet
1Mb / 2P
The perfect Combination - Precision, design, symmetry and balance
More results

Similar Description - 2ASA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
logo
IDEAL-TEK SA
0.SA.DC.0 IDEAL-TEK-0.SA.DC.0 Datasheet
519Kb / 1P
High Precision - Diamond Tip Tweezers
00.SA.DC.0 IDEAL-TEK-00.SA.DC.0 Datasheet
518Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
3.SA.DC.0 IDEAL-TEK-3.SA.DC.0 Datasheet
521Kb / 1P
High Precision - Diamond Tip Tweezers
35A.SA.DC.1 IDEAL-TEK-35A.SA.DC.1 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
4.SA.DC.0 IDEAL-TEK-4.SA.DC.0 Datasheet
505Kb / 1P
High Precision - Diamond Tip Tweezers
5.SA.DC.0 IDEAL-TEK-5.SA.DC.0 Datasheet
516Kb / 1P
High Precision - Diamond Tip Tweezers
65A.SA.DC.0 IDEAL-TEK-65A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
7.SA.DC.0 IDEAL-TEK-7.SA.DC.0 Datasheet
524Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com