Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS124A Datasheet(PDF) 6 Page - Texas Instruments

Part # SNLS124A
Description  DS90C383/DS90CF384 3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS124A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNLS124A Datasheet HTML 2Page - Texas Instruments SNLS124A Datasheet HTML 3Page - Texas Instruments SNLS124A Datasheet HTML 4Page - Texas Instruments SNLS124A Datasheet HTML 5Page - Texas Instruments SNLS124A Datasheet HTML 6Page - Texas Instruments SNLS124A Datasheet HTML 7Page - Texas Instruments SNLS124A Datasheet HTML 8Page - Texas Instruments SNLS124A Datasheet HTML 9Page - Texas Instruments SNLS124A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Transmitter Switching Characteristics (Continued)
Over recommended operating supply and −40˚C to +85˚C ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
TPLLS
Transmitter Phase Lock Loop Set
(Figure 11 )
10
ms
TPDD
Transmitter Power Down Delay
(Figure 15 )
100
ns
Receiver Switching Characteristics
Over recommended operating supply and −40˚C to +85˚C ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time
(Figure 4 )
2.2
5.0
ns
CHLT
CMOS/TTL High-to-Low Transition Time
(Figure 4 )
2.2
5.0
ns
RSPos0
Receiver Input Strobe Position for Bit 0
(Figure 18 )
f = 65 MHz
0.7
1.1
1.4
ns
RSPos1
Receiver Input Strobe Position for Bit 1
2.9
3.3
3.6
ns
RSPos2
Receiver Input Strobe Position for Bit 2
5.1
5.5
5.8
ns
RSPos3
Receiver Input Strobe Position for Bit 3
7.3
7.7
8.0
ns
RSPos4
Receiver Input Strobe Position for Bit 4
9.5
9.9
10.2
ns
RSPos5
Receiver Input Strobe Position for Bit 5
11.7
12.1
12.4
ns
RSPos6
Receiver Input Strobe Position for Bit 6
13.9
14.3
14.6
ns
RSKM
RxIN Skew Margin (Note 5)
(Figure 19 )
f = 65 MHz
400
ps
RCOP
RxCLK OUT Period
(Figure 8)
15
T
50
ns
RCOH
RxCLK OUT High Time
(Figure 8 )
f = 65 MHz
7.3
8.6
ns
RCOL
RxCLK OUT Low Time
(Figure 8)
3.45
4.9
ns
RSRC
RxOUT Setup to RxCLK OUT
(Figure 8 )
2.5
6.9
ns
RHRC
RxOUT Hold to RxCLK OUT
(Figure 8 )
2.5
5.7
ns
RCCD
RxCLK IN to RxCLK OUT Delay 25˚C, V
CC = 3.3V (Figure 10 )
5.0
7.1
9.0
ns
RPLLS
Receiver Phase Lock Loop Set
(Figure 12 )
10
ms
RPDD
Receiver Power Down Delay
(Figure 16 )
1µs
Note 5: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the transmitter pulse positions (min
and max) and the receiver input setup and hold time (internal data sampling window-RSPOS). This margin allows for LVDS interconnect skew, inter-symbol
interference (both dependent on type/length of cable), and clock jitter (less than 250 ps).
AC Timing Diagrams
DS012887-3
FIGURE 1. “Worst Case” Test Pattern
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com