Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS304DBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESDS304DBVR Datasheet HTML 4Page - Texas Instruments ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments ESDS304DBVR Datasheet HTML 10Page - Texas Instruments ESDS304DBVR Datasheet HTML 11Page - Texas Instruments ESDS304DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6 Detailed Description
6.1 Overview
The ESDS304, ESDS302 devices are uni-directional ESD Protection Diode with ultra-low capacitance. This
device can dissipate ESD strikes above the maximum level specified by the IEC 61000-4-2 International
Standard. The ultra-low capacitance makes this device an excellent choice for protecting any super high-speed
signal pins.
6.2 Functional Block Diagram
6.3 Feature Description
The I/O pins of ESDS304 and ESDS302 can withstand surge events (IEC 61000-4-5, 8/20μs waveform) up to
12A and 85 W. These devices also provide ESD protection up to ±30kV contact and ±30kV air gap per IEC
61000-4-2 standard. The I/O pins can withstand an electrical fast transient burst of up to 80 A (IEC 61000-4-4
5/50ns waveform, 4kV with 50Ω impedance). The capacitance between each I/O pin to ground is 2.3pF (typical)
and 2.8pF (maximum). This device supports data rates up to 1-Gbps. The reverse DC breakdown voltage of
each I/O pin is a minimum of 4.5V. This design protects sensitive equipment from surges above the reverse
standoff voltage of 3.6V. The I/O pins feature an ultra-low leakage current of 50nA (maximum) with a bias of
3.6V. This device features an industrial operating range of –40°C to +125°C.
6.4 Device Functional Modes
The ESDS304, ESDS302 devices are a passive integrated circuit that triggers when voltages are above VBRF or
below 0.7V. During ESD events, voltages as high as ±30kV (air) can be directed to ground via the internal diode
network. When the voltages on the protected line fall below the trigger levels of ESDS304, ESDS302 (usually
within a few nano-seconds) the devices reverts to passive.
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com