Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP.A Datasheet(PDF) 1 Page - Texas Instruments

Part # INA129MDREP.A
Description  INA129-EP Precision, Low Power Instrumentation Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129MDREP.A Datasheet(HTML) 1 Page - Texas Instruments

  INA129MDREP.A Datasheet HTML 1Page - Texas Instruments INA129MDREP.A Datasheet HTML 2Page - Texas Instruments INA129MDREP.A Datasheet HTML 3Page - Texas Instruments INA129MDREP.A Datasheet HTML 4Page - Texas Instruments INA129MDREP.A Datasheet HTML 5Page - Texas Instruments INA129MDREP.A Datasheet HTML 6Page - Texas Instruments INA129MDREP.A Datasheet HTML 7Page - Texas Instruments INA129MDREP.A Datasheet HTML 8Page - Texas Instruments INA129MDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
A
1
A
2
A
3
40 kW
40 kW
40 kW
40 kW
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V-
Ref
V
O
G = 1 +
49.4 kW
R
G
+
4
7
INA129
Over-Voltage
Protection
Over-Voltage
Protection
24.7 kW
24.7 kW
-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA129-EP
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
INA129-EP Precision, Low Power Instrumentation Amplifiers
1 Features
3 Description
The INA129-EP device is a low power, general-
1
•
Low Offset Voltage
purpose instrumentation amplifier offering excellent
•
Low Input Bias Current
accuracy. The versatile 3-op amp design and small
•
High CMR: 95 dB (Typical)
size make the device ideal for a wide range of
applications. Current-feedback input circuitry provides
•
Inputs Protected to ±40 V
wide bandwidth even at high gain (200 kHz at G =
•
Wide Supply Range: ±2.25 V to ±18 V
100).
•
Low Quiescent Current: 2 mA (Typical)
A single external resistor sets any gain from 1 to
10,000.
The
INA129-EP
provides
an
industry-
2 Applications
standard gain equation; the INA129-EP gain equation
•
Bridge Amplifier
is compatible with the AD620.
•
Thermocouple Amplifier
The INA129-EP device is laser trimmed for very low
•
RTD Sensor Amplifier
offset voltage, drift, and high common-mode rejection
(113 dB at G
≥ 100). It operates with power supplies
•
Medical Instrumentation
as low as ±2.25 V, and quiescent current is only 750
•
Data Acquisition
μA–ideal for battery operated systems. Internal input
•
Supports Extreme Temperature Applications:
protection can withstand up to ±40 V without damage.
–
Controlled Baseline
The INA129-EP is available in a 8-Pin SOIC surface-
–
One Assembly and Test Site
mount package specified for the –55°C to 125°C
temperature range.
–
One Fabrication Site
–
Available in Military (–55°C to +125°C)
Device Information(1)
Temperature Range (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Extended Product Life Cycle
INA129-EP
SOIC (8)
4.90 mm × 3.91 mm
–
Extended Product-Change Notification
(1) For all available packages, see the orderable addendum at
–
Product Traceability
the end of the data sheet.
(1)
Custom temperature ranges available
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA129MDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA129MDREP TI1-INA129MDREP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129MDREP TI1-INA129MDREP Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
More results

Similar Description - INA129MDREP.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com