Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA301 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA301
Description  INA301 36-V, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA301 Datasheet HTML 17Page - Texas Instruments INA301 Datasheet HTML 18Page - Texas Instruments INA301 Datasheet HTML 19Page - Texas Instruments INA301 Datasheet HTML 20Page - Texas Instruments INA301 Datasheet HTML 21Page - Texas Instruments INA301 Datasheet HTML 22Page - Texas Instruments INA301 Datasheet HTML 23Page - Texas Instruments INA301 Datasheet HTML 24Page - Texas Instruments INA301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Load
Power Supply
(0 V to 36 V)
Current
OCP+
OCP-
Output
VS
GND
OUT
ALERT
IN+
IN-
2.7 V to 5.5 V
RPULL-UP
10 k
RLIMIT
CBYPASS
0.1 PF
LIMIT
VS
GND
OUT
ALERT
IN+
IN-
2.7 V to 5.5 V
RPULL-UP
10 k
RLIMIT
CBYPASS
0.1 PF
LIMIT
+
+
21
INA301
www.ti.com
SBOS713A – SEPTEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: INA301
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA301 is designed to enable easy configuration for detecting overcurrent conditions in an application. This
device is individually targeted towards unidirectional overcurrent detection of a single threshold. However, this
device can also be paired with additional devices and circuitry to create more complex monitoring functional
blocks.
8.2 Typical Application
Figure 42. Bidirectional Application
8.2.1 Design Requirements
Although the device is only able to measure current through a current-sensing resistor flowing in one direction, a
second INA301 can be used to create a bidirectional monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com