Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103A Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS3103A
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103A Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS3103A Datasheet HTML 13Page - Texas Instruments TAS3103A Datasheet HTML 14Page - Texas Instruments TAS3103A Datasheet HTML 15Page - Texas Instruments TAS3103A Datasheet HTML 16Page - Texas Instruments TAS3103A Datasheet HTML 17Page - Texas Instruments TAS3103A Datasheet HTML 18Page - Texas Instruments TAS3103A Datasheet HTML 19Page - Texas Instruments TAS3103A Datasheet HTML 20Page - Texas Instruments TAS3103A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
1−9
1.7
Operational Modes
The TAS3103A operation is governed by I/O terminal voltage level settings and register/coefficient settings within the
TAS3103A. The terminal settings are wholly sufficient to address all external environments, allowing the remaining
configuration settings to be determined by either I2C commands or by the content of an I2C serial EEPROM (when
the I2C master mode is selected).
1.7.1
Terminal-Controlled Modes
1.7.1.1 Clock Control
PLL1
PLL0
DAP CLOCK
0
0
11
× MCLK
0
1
(11
× MCLK)/2 (default)
1
0
(11
× MCLK)/4
1
1
MCLK (PLL bypass)
MICROCLK_DIV
MICROPROCESSOR CLOCK
0
DAP clock/4 (default)
1
DAP clock
XTALI
MCLKI
Reference
Divider
PLL
PLL0
Digital
Audio Processor
(DAP) Clock
MICROCLK_DIV
MCLK
PLL1
÷ 11
Microprocessor
Clock < 36 MHz
Microprocessor
Scaler
1400
y Fs 3 DAP Clock 3 136 MHz
y 11
1.7.1.2 I2C Bus Setup
SLAVE ADDRESS
CS1
CS0
0x68/69 (default)
0
0
0x6A/6B
0
1
0x6C/6D
1
0
0x6E/6F
1
1
I2CM_S
I2C BUS MODE
0
Slave
1
Master (default)—EEPROM device ID = 0xA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com