Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-BASE6 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # EXPRESS-BASE6
Description  COM Express Carrier Board, Type 6, ATX Form Factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

EXPRESS-BASE6 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  EXPRESS-BASE6 Datasheet HTML 1Page - Sealevel Systems, Inc. EXPRESS-BASE6 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
COM Express Carrier Board, Type 6, ATX Form Factor
Part: Express-BASE6 | Model: Type 6 Carrier Board
Features
• COM Express Type 6 reference carrier board in standard ATX form
factor
• Supports Basic and Compact Type 6 COM Express modules that are
compliant with PICMG COM Express Revision 2.0
• Includes seven PCI Express X1 slots, one X16 slot, and one Mini PCI
Express slot
• Three Digital Display Interfaces (DDI) supporting DisplayPort, HDMI,
and DVI displays
• Integrated Realtek high definition audio codec
• Integrated Winboard Super I/O on LPC bus
• Integrated I2C to GPIO bridge for digital I/O
• Onboard diagnostic LEDs for BIOS post code data and address on LPC
bus
• Onboard socket for secondary SPI flash BIOS
• Two 220-pin COM Express Type 6 connectors
• One DB15 for analog VGA display
• One 34-pin header for LVDS
• One 8-pin header for flat-panel control
• Four SATA connectors (module dependent)
• One Gigabit (10/100/1000BaseT) Ethernet RJ45 port
• Up to Eight USB 2.0 ports (Up to four ports can be USB 3.0 if supported
by module)
• One DB9M serial port; one 10-pin header for serial interface
• Six 3.5mm connectors for microphone/audio line-in and line-out
• Two 6-pin mini-DIN connectors for keyboard and mouse
• One 20-pin header for LPC bus debug
• One 10-pin header for Smart Battery management communications
• Additional connectors for SMBus, I2C, reset, power LED, HDD LED,
buzzer and module control signals
• ATX form factor works with standard ATX power supplies and
enclosures
Specifications
BIOS
Diagnostic LEDs for BIOS POST data;
Onboard socket for secondary SPI flash
BIOS
Chipset
Winbond Super I/O on LPC bus
Dimensions
12.0” (L) x 9.6” (W)
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Power Requirement
Standard ATX Power Supply
Storage
Temperature
-55°C to 85°C (-67°F to 185°F)
sealevel.com
+1 864.843.4343
SL9468 E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com