Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 59 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBT Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 55Page - Texas Instruments TAS3103ADBT Datasheet HTML 56Page - Texas Instruments TAS3103ADBT Datasheet HTML 57Page - Texas Instruments TAS3103ADBT Datasheet HTML 58Page - Texas Instruments TAS3103ADBT Datasheet HTML 59Page - Texas Instruments TAS3103ADBT Datasheet HTML 60Page - Texas Instruments TAS3103ADBT Datasheet HTML 61Page - Texas Instruments TAS3103ADBT Datasheet HTML 62Page - Texas Instruments TAS3103ADBT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 152 page
background image
2−25
8-Bit ALU Operation
(Without Saturation)
10110111
(−73)
−73
+ 11001101
(−51)
+ −51
10000100
(−124)
−124
+ 11010011
(−45)
+ −45
Rollover
01010111
(57)
−169
+ 00111011
(59)
+
59
10010010
(−110)
−110
Figure 2−20. DAP ALU Operation With Intermediate Overflow
The DAP processing clock is set by pins PLL0 and PLL1, with the source clock XTALI or MCLKI. The DAP operates
at speeds up to 136 MHz, which is sufficient to process 96-kHz audio.
2.5
Reset
The reset circuitry in the TAS3103A is shown in Figure 2−21. A reset is initiated by inputting logic 0 on the reset pin,
RST. A reset is also issued at power turnon by the internal 1.8-V regulator subsystem.
MCLKI
XTALI
DPLL
1.8-V Regulator Subsystem
Reset Timer
CLR
Lock
Chip Reset
VDDS
Enable
dpll_clk
PWR GOOD
RST
A_VDDS
Figure 2−21. TAS3103A Reset Circuitry
When the VDDS and A_VDDS voltage rise times from 0.1 V to 3.0 V are 5 ms or less, the internal 1.8-V regulator
subsystem holds the TAS3103A in reset at power on until regulation is reached. The duration of this signal permits
the TAS3103A to complete all power-on initialization without external control or circuitry.
When the VDDS and A_VDDS voltage rise times from 0.1 V to 3.0 V are greater than 5 ms, the TAS3103A must be
reset once VDDS and A_VDDS have reached a minimum of 3.0 V. This reset can be performed in one of two ways.
•
A valid RST can be applied by an external controller once VDDS and A_VDDS are at 3.0 volts or higher.
•
An external circuit can be employed to hold RST LOW until VDDS and A_VDDS are 3.0 volts or higher. An
RC circuit implementation of this is shown in Figure 2−22. The values for R and C should be chosen to
ensure that RST is held low until VDDS and A_VDDS have reached 3.0 volts or higher. The values of R and
C in this figure provide a delay of approximately 20 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com