Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7340C Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 19Page - Texas Instruments ISO7340C Datasheet HTML 20Page - Texas Instruments ISO7340C Datasheet HTML 21Page - Texas Instruments ISO7340C Datasheet HTML 22Page - Texas Instruments ISO7340C Datasheet HTML 23Page - Texas Instruments ISO7340C Datasheet HTML 24Page - Texas Instruments ISO7340C Datasheet HTML 25Page - Texas Instruments ISO7340C Datasheet HTML 26Page - Texas Instruments ISO7340C Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
ISO7340
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
IND
OUTA
OUTB
OUTC
OUTD
GND2
VCC2
0.1 µF
2 mm max
from VCC2
EN
GND2
NC
GND1
2 mm max
from VCC1
GND1
0.1 µF
VCC1
ISO7341
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
0.1 µF
2 mm max
from VCC2
EN2
GND2
EN1
GND1
2 mm max
from VCC1
GND1
0.1 µF
VCC1
23
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.1.1 Design Requirements
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO734x family of devices only requires two external bypass capacitors to operate.
10.2.1.2 Detailed Design Procedure
10.2.1.2.1
Typical Supply Current Equations
For the equations in this section, the following is true:
•
ICC1 and ICC2 are typical supply currents measured in mA
•
f is data rate measured in Mbps
•
CL is the capacitive load measured in pF
10.2.1.2.1.1
ISO7340x
At VCC1 = VCC2 = 5 V:
ICC1 = 0.54366 + (0.0873 × f)
(1)
ICC2 = 2.74567 + (0.08433 × f) + (0.01 × f × CL)
(2)
At VCC1 = VCC2 = 3.3 V:
ICC1 = 0.3437 + (0.04922 × f)
(3)
ICC2 = 2.1068 + (0.04374 × f) + (0.007045 × f × CL)
(4)
10.2.1.2.1.2
ISO7341x
At VCC1 = VCC2 = 5 V:
ICC1 = 1.7403 + (0.1006 × f) + (0.001711 × f × CL)
(5)
ICC2 = 2.502 + (0.09629 × f) + (0.00687 × f × CL)
(6)
At VCC1 = VCC2 = 3.3 V:
ICC1 = 1.2915 + (0.046 × f) + (0.00185 × f × CL)
(7)
ICC2 = 1.8833 + (0.0566 × f) + (0.004514 × f × CL)
(8)
10.2.1.2.1.3
ISO7342x
At VCC1 = VCC2 = 5 V:
ICC1, ICC2 = 2.1254 + (0.08694 × f) + (0.004868 × f × CL)
(9)
At VCC1 = VCC2 = 3.3 V:
ICC1, ICC2 = 1.5912 + (0.0410 × f) + (0.003785 × f × CL)
(10)
Figure 21. Typical ISO7340x Circuit Hook-up
Figure 22. Typical ISO7341x Circuit Hook-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com