Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBTR Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS3103ADBTR
Description  Digital Audio Processor With 3D Effects
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103ADBTR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS3103ADBTR Datasheet HTML 49Page - Texas Instruments TAS3103ADBTR Datasheet HTML 50Page - Texas Instruments TAS3103ADBTR Datasheet HTML 51Page - Texas Instruments TAS3103ADBTR Datasheet HTML 52Page - Texas Instruments TAS3103ADBTR Datasheet HTML 53Page - Texas Instruments TAS3103ADBTR Datasheet HTML 54Page - Texas Instruments TAS3103ADBTR Datasheet HTML 55Page - Texas Instruments TAS3103ADBTR Datasheet HTML 56Page - Texas Instruments TAS3103ADBTR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
2−19
2.3.2
I2C Bus Controller
The TAS3103A has a bidirectional, two-wire, I2C-compatible interface. Both 100-kbps and 400-kbps data transfer
rates are supported, and the TAS3103A controller can serve as either a master I2C device or a slave I2C device.
Master/slave operation is defined by the logic level input into pin I2CM_S (logic 1 = master mode, logic 0 = slave
mode).
If the voltage input level to I2CM_S is changed, the TAS3103A must be reset.
In the I2C master mode, data rate transfer is fixed at 100 kHz, assuming MCLKI or XTALI = 12.288 MHz, PLL0 = PLL1
= 0, and MICROCLK_DIV = 0. In the I2C slave mode, data rate transfer is determined by the master device. However,
the setting of I2C parameter N at subaddress 0xFB (see DPLL and Clock Management, Section 2.2) does play a role
in setting the data transfer rate. In the I2C slave mode, bit rates other than (and including) the I2C-specific 100-kbps
and 400-kbps bit rates can be obtained, but N must always be set so that the oversample clock into the I2C
master/slave controller is at least a factor of 20 higher in frequency than SCL.
The I2C communication protocol for the I2C slave mode is shown in Figure 2−16.
I2C_SDA
I2C_SCL
C
S
1†
S
Start
(By Master)
Slave Address
(By Master)
0
1
1
0
1
C
S
0†
Read or Write
(By Master)
R
/
W
A
C
K
M
S
B
Acknowledge
(By TAS3103A)
L
S
B
Data Byte
(By Transmitter)
A
C
K
Acknowledge
(By Receiver)
M
S
B
L
S
B
Data Byte
(By Transmitter)
A
C
K
Acknowledge
(By Receiver)
S
Stop
(By Master)
MSB
MSB−1 MSB−2
LSB
Start Condition
I2C_SDA
↓ While I2C_SCL = 1
Stop Condition
I2C_SDA
↑ While I2C_SCL = 1
† Bits CS1 and CS0 in the TAS3103A slave address are compared to the logic levels on pins CS0 and CS1 for address verification. This provides
the ability to address up to four TAS3103A chips on the same I2C bus.
Figure 2−16. I2C Slave-Mode Communication Protocol
In the slave mode, the I2C bus is used to:
•
Update coefficient values and output data to those GPIO ports configured as output.
•
Read status flags, input data from those GPIO ports configured as inputs and retrieve spectrum
analyzer/VU meter data.
In the master mode, the I2C bus is used to download a user-specific configuration from an I2C compatible EEPROM.
In the slave mode only, specific registers and memory locations in the TAS3103A are accessible with the use of I2C
subaddresses. There are 256 such I2C subaddresses. The protocol required to access a specific subaddress is
presented in Figure 2−17.
As shown in Figure 2−17, a read transaction requires that the master device first issue a write transaction to give the
TAS3103A the subaddress to be used in the read transaction that follows. This subaddress assignment write
transaction is then followed by the read transaction. For write transactions, the subaddress is supplied in the first byte
of data written, and this byte is followed by the data to be written. For write transactions, the subaddress must always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com