Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085D2T33R Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD1085D2T33R
Description  3 A low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T33R Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD1085D2T33R Datasheet HTML 19Page - STMicroelectronics LD1085D2T33R Datasheet HTML 20Page - STMicroelectronics LD1085D2T33R Datasheet HTML 21Page - STMicroelectronics LD1085D2T33R Datasheet HTML 22Page - STMicroelectronics LD1085D2T33R Datasheet HTML 23Page - STMicroelectronics LD1085D2T33R Datasheet HTML 24Page - STMicroelectronics LD1085D2T33R Datasheet HTML 25Page - STMicroelectronics LD1085D2T33R Datasheet HTML 26Page - STMicroelectronics LD1085D2T33R Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
LD1085xx
Order codes
25/27
8
Order codes
Table 10.
Order codes
Packages
Output
voltage
TO-220
TO-220FP
D2PAK
DPAK (T&R)
D2PAK/A
D2PAK/A (T&R)
LD1085DT15R
1.5 V
LD1085V18
LD1085D2T18R
LD1085DT18R
LD1085D2M18R
1.8 V
LD1085V25
LD1085DT25R
LD1085D2M25R
2.5 V
LD1085V33
LD1085D2T33R
LD1085DT33R
LD1085D2M33R
3.3 V
LD1085V50
5.0 V
LD1085V
LD1085P
LD1085D2T-R
LD1085D2M
LD1085D2M-R
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com