Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4S Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # B4S
Description  CURRENT 0.8 Amperes VOLTAGE 100 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

B4S Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  B4S Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. B4S Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES B1S THRU B10S
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INST ANT ANEOUS FOR WARD V OLTAGE (V)
Fi g. 2 T ypical Forward Characteristics (per leg)
F
T = 25 C
Pulse Width = 300 s
j
0.4
0.8
1.2
1.6
0
10
20
30
35
1.0
10
NUMBER OF CYCLES
AT 60 Hz
Fi g. 3 Maximum Peak Forward Sur ge Current (per leg)
T = 25 C
Single Half Sine-W ave
Pulse Width = 5.3ms
(JEDEC
Method)
A
1
10
100
1
10
100
V , REVERSE
VOL TAGE (V)
Fi g. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120
140
PERCENT
OF RA TED PEAK REVERSE
VOL TAGE (%)
Fi g. 5 Typical Reverse Characteristics (per element)
T = 25 C
j
T = 125 C
j
0
0.2
0.4
0.6
0.8
0
40
80
120
160
T , AMBIENT TEMPERA TURE ( C )
Fi g. 1 Output Current Deratin g Curve
A
Resistive or Inductive Load
Ceramic PC Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com