Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3820.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3820..
Description  P-Channel General Purpose Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3820.. Datasheet(HTML) 2 Page - ON Semiconductor

  2N3820.. Datasheet HTML 1Page - ON Semiconductor 2N3820.. Datasheet HTML 2Page - ON Semiconductor 2N3820.. Datasheet HTML 3Page - ON Semiconductor 2N3820.. Datasheet HTML 4Page - ON Semiconductor 2N3820.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, December 2002
Epitaxial Silicon Transistor
Absolute Maximum Ratings* T
C=25°C unless otherwise noted
* This ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These rating are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%
Thermal Characteristics T
A=25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6”
× 1.6” × 0.06”
Symbol
Parameter
Ratings
Units
VDG
Drain-Gate Voltage
-20
V
VGS
Gate-Source Voltage
20
V
IGF
Forward Gate Current
10
mA
TSTG
Storage Temperature Range
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)GSS
Gate-Source Breakdwon Voltage
IG = 10µA, VDS = 0
20
V
IGSS
Gate Reverse Current
VGS = 10V, VDS = 0
20
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = -10V, ID = -10µA8.0
V
On Characteristics
IDSS
Zero-Gate Voltage Drain Current *
VDS = -10V, VGS = 0
-0.3
-15
mA
Small Signal Characteristics
gfs
Forward Transfer Conductance
VDS = -10V, VGS = 0, f = 1.0KHz
800
5000
µmhos
Ciss
Input Capacitance
VDS = -10V, VGS = 0, f = 1.0KHz
32
pF
Crss
Reverse Transfer Capacitance
VDS = -10V, VGS = 0, f = 1.0KHz
16
pF
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
2N3820
P-Channel General Purpose Amplifier
• This device is designed primarily for low level audio and general
purpose applications with high impedance signal sources.
• Sourced from process 89.
TO-92
1. Drain 2. Gate 3. Source
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com