Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # ES1G
Description  CURRENT 1.0 Ampere VOLTAGE 50 to 400 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES1G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ES1G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES1G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. ES1G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES1A THRU ES1J
Features
Mechanical Data
· For surface applications in order to optimize board space
· Low profile package
· Built-in strain relief, ideal for automated placement
· Super fast recovery time
· Glass passivated junction
· Plastic package has Unerwrites Laboratory
Flammability Classification 94V-0
· Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
· Low forward voltage drop
· Glass passivated chip junction
· High temperature soldering guaranteed : 250℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC SMA(DO-214AC) molded plastic body
· Terminals : Plated axial lead solderable per
MIL-STD-750, method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.002 ounce, 0.064 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.0 Ampere
VOLTAGE 50 to 400 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) P.C.B mounted on 0.2×0.2"(5.0×5.0mm) copper pad areas
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
at TL=120℃
Maximum instantaneous forward voltage
at 1.0A
VRRM
Volts
Symbols
Units
0.95
VF
VRMS
1.0
Amps
30.0
IFSM
TJ
TSTG
100
-55 to +150
℃
Volts
Amp
Maximum reverse
current at rated voltage
Typical thermal resistance (Note 3)
Operating unction and storage
temperature range
50
ES1A
35
50
5.0
35.0
Volts
μA
℃/W
I(AV)
IR
RθJL
TA=25℃
TA=100℃
100
ES1B
70
100
150
ES1C
105
150
200
ES1D
140
200
400
ES1G
380
400
600
ES1J
420
600
Typical junction capacitance (Note 2)
pF
7.0
CJ
85.0
RθJA
Maximum reverse recovery time (Note 1)
ns
35
Trr
1.25
Dimensions in inches and (millimeters)
0.058(1.47)
0.052(1.32)
0.110(2.79)
0.100(2.54)
0.012(0.31)
0.006(0.15)
0.177(4.50)
0.157(3.99)
0.090(2.29)
0.078(1.98)
0.060(1.52)
0.030(0.76)
0.005(0.127)
MAX.
0.208(5.28)
0.194(4.93)
DO-214AC (SMA)


Similar Part No. - ES1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1G PANJIT-ES1G Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Surge Components
ES1G SURGE-ES1G Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1G TRSYS-ES1G Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Jinan Gude Electronic D...
ES1G JGD-ES1G Datasheet
190Kb / 3P
1.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES1G SSE-ES1G Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
More results

Similar Description - ES1G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001G DAESAN-1N4001G Datasheet
217Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1300 Volts
1N4001GP DAESAN-1N4001GP Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1300 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
BA157 DAESAN-BA157 Datasheet
334Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
BA157G DAESAN-BA157G Datasheet
322Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com