Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCDM7057 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCDM7057
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCDM7057 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCDM7057 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCDM7057 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCDM7057 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCDM7057
eq GD2X100MPS12N
Silicon Carbide Schottky Diode
www.iscsemi.com
1
FEATURES
· Low forward voltage
· Low leakage current
· Isolated voltage to 2500 V
APPLICATIONS
· Switch-mode power supply
· Inverters/converters
· Motor controllers
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitisve Peak Reverse Voltage
1200
V
IF
Continuous Forward Current
(Per Leg/Per Device)
Tc=75°C,D=1
136 / 272
A
Tc=100°C,D=1
114 / 228
A
Tc=114°C,D=1
100 / 200
A
IFSM
Non-Repetitive Peak Forward Surge Current,
Half SineWave (Per Leg)
Tc=25°C,Tp=10ms
1000
A
Tc=150°C,Tp=10ms
800
A
IFRM
Repetitive Peak Forward Surge Current,
Half Sine Wave(Per Leg)
Tc=25°C,Tp=10ms
600
A
Tc=150°C,Tp=10ms
420
A
IF MAX
Non-Repetitive Peak Forward Surge Current
(Per Leg)
Tc=25°C,Tp=10us
5000
A
I2T
i2t Value (Per Leg)
Tc=25°C,Tp=10ms
5000
A2S
Ptot
Power Dissipation
(Per Leg/Per Device)
Tc=25°C
470 / 940
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP.
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.32
℃
/W


Similar Part No. - ISCDM7057

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCDM7051 ISC-ISCDM7051 Datasheet
551Kb / 3P
SiC Schottky Diode
More results

Similar Description - ISCDM7057

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com