Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW20V60DF Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STGW20V60DF
Description  Very High Speed IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STGW20V60DF Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STGW20V60DF Datasheet HTML 1Page - Inchange Semiconductor Company Limited STGW20V60DF Datasheet HTML 2Page - Inchange Semiconductor Company Limited STGW20V60DF Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISG2229
eq STGW20V60DF
Very High Speed IGBT
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case IGBT
0.9
℃
/W
Rth j-c
Thermal Resistance,Junction to Case Diode
2.08
℃
/W
STATIC CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE= 0V, IC= 2mA
600
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 1mA
5.0
--
7.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20A, VCE= 15V,
TJ= 25℃
--
--
2.2
V
IC= 20A, VCE= 15V,
TJ= 125℃
--
2.15
--
V
IC= 20A, VCE= 15V,
TJ= 175℃
--
2.3
--
V
ICES
Zero Gate Voltage Collector Current
VCE= 600V, VGE= 0V
--
--
25
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V, VCE= 0V
--
--
±
250
nA
VF
Diode Forward Voltage Drop
IF= 20A
--
--
2.2
V
PACKAGE OUTLINE (UNIT: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com