Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX34070T-H/ST Datasheet(PDF) 2 Page - Microchip Technology

Part # LX34070T-H/ST
Description  High Speed Inductive Positions Sensor with Diff erential Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX34070T-H/ST Datasheet(HTML) 2 Page - Microchip Technology

  LX34070T-H/ST Datasheet HTML 1Page - Microchip Technology LX34070T-H/ST Datasheet HTML 2Page - Microchip Technology LX34070T-H/ST Datasheet HTML 3Page - Microchip Technology LX34070T-H/ST Datasheet HTML 4Page - Microchip Technology LX34070T-H/ST Datasheet HTML 5Page - Microchip Technology LX34070T-H/ST Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
magnets, delivers higher accuracy and is extremely immune to stray
magnetic fields.
For remote sensor applications, the sensor module, which includes the
LX34070 device and the inductive sensing mechanism, will communicate
analog position information to a host processing system over a 6-wire cable;
the necessary signals to the processor are power, ground and the two
differential analog position signals. The LX34070 has flexible calibration
options for many applications. For remote applications, the device is
programmed through a power line VIN signal and verified from one of the
output signals, eliminating the need for additional pins and signals. In an
embedded application where the sensor is on the same PCB as other
microcontrollers, the device can be calibrated via digital signals.
The LX34070 is offered in a 14-pin TSSOP package with AEC-Q100
certification to grade 0 with an extended operating range (-40°C to +160°C)
making it suitable for a wide range of commercial, industrial, medical and/or
automotive sensor applications.
Download your first inductive Position sensor and get a head start on your
design by visiting our Inductive Position Sensor Design Page.   
To request LX34070 Datasheet, please contact Mark.Smith@microchip.com.
Microchip can help with your own sensor design with its own unique
mechanical constraints. You can start with one of our Kits, but Microchip is
ready to help you from day one.  Talk with our sales team and describe your
Overview
Features
Software
Development Environment
RoHS Information
Purchase



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com