Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX34070-H/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # LX34070-H/ST
Description  High Speed Inductive Positions Sensor with Diff erential Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX34070-H/ST Datasheet(HTML) 3 Page - Microchip Technology

  LX34070-H/ST Datasheet HTML 1Page - Microchip Technology LX34070-H/ST Datasheet HTML 2Page - Microchip Technology LX34070-H/ST Datasheet HTML 3Page - Microchip Technology LX34070-H/ST Datasheet HTML 4Page - Microchip Technology LX34070-H/ST Datasheet HTML 5Page - Microchip Technology LX34070-H/ST Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Collapse
sensor requirement.  We will work with you on getting a design up and
running to take advantage of this advanced technology.   
Product Features
Parametrics
Read More
AEC-Q100 Grade 0 Certification
ISO26262 ASIL C(D) SEOOC Compliant
Built-in Oscillator for Driving Primary Coil
Two Independent Analog Channels With Demodulation
Automatic Gain Control Maximizes Resolution over Large Target Air gaps Ranges
4.5V to 5.5V Input Range with Protection Up to 18V
Differential Output Buffers with Accurate Common-Mode Level and Protection Circuitry Against Output Shorts
Calibration Through VIN or GPIO
Detection of Faults at the Exciter Coil Pins and Receive Coil Pins
Power Supply and Ground Loss Detection
Overview
Features
Software
Development Environment
RoHS Information
Purchase



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com