Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-F Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SL-F
Description  SLSeries Limit Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SL-F Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SL-F Datasheet HTML 1Page - Honeywell Solid State Electronics Center SL-F Datasheet HTML 2Page - Honeywell Solid State Electronics Center SL-F Datasheet HTML 3Page - Honeywell Solid State Electronics Center SL-F Datasheet HTML 4Page - Honeywell Solid State Electronics Center SL-F Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL Series Limit Switch
Characteristics
SL (standard type)
SLP (precision type)
Contact Type,
Contact Material
SPDT, Silver Alloy
SPDT, Silver Alloy
(Gold plated contact available)
Actuator
See Selection guide
Operating Speed
0.05mm ~ 2m/s
0.05mm ~ 0.5m/s
Operating Frequency
Mechanically:120 ops/min, Electrically:30 ops/min
Rated Current/Voltage
10A/250VAC (EN60947-5-1)
Silver: 5A/250VAC or 5A/30VDC
Gold plated: 0.1A/250VAC or
0.1A/30VDC
Contact Resistance
<25m
Ω (initial)
Insulation Resistance
>100M
Ω@500V DC
Dielectric Strength
1000VAC for 1 min between current carrying parts
2500VAC for 1 min between non-current carrying part
CE, CCC
Service Life
Mechanically:5,000,000 ops
Electrically:500,000 ops at
maximum rating
Mechanically:5,000,000 ops
Electrically:500,000 ops at maximum
rating
Shock
Free position:<10G, Maximum position:<30G
Vibration
10 to 55 Hz, 1.5 mm double amplitude (excluding spring coil type)
Operating Temperature
-20 to 60℃
-30 to 80℃
Certification
CE, CCC, UL (E313809)
Degree of Protection
IP64
IP67
SL
P
Precision Type
Standard type
Actuator
H
Selection guide
Switch Type
Applications:
General Machinery
Conveyer, Transportation Equipments
Specialty Machinery
Packaging Mechinery
P
FEATURES
Asia standard dimension
Design for small mounting space.
10A current capacity
Long mechanical life 1x107 operations
Wide range of actuators available
UL, cUL, CCC, CE approved
IP65 (standard type) and IP67 (precision type) Rated
Precision type SLP has built-in IP67 rated cable gland
(also available in M12 quick connector type)


Similar Part No. - SL-F

ManufacturerPart #DatasheetDescription
logo
Electronic Hardware Cor...
SL-100B EHC-SL-100B Datasheet
63Kb / 1P
Shaft Locks
SL-101R EHC-SL-101R Datasheet
63Kb / 1P
Shaft Locks
logo
Samtec, Inc
SL-105-T-12 SAMTEC-SL-105-T-12 Datasheet
331Kb / 1P
LOW PROFILE MACHINED SOCKET STRIPS
logo
Electronic Hardware Cor...
SL-105B EHC-SL-105B Datasheet
63Kb / 1P
Shaft Locks
logo
Samtec, Inc
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
LOW PROFILE MACHINED SOCKET STRIPS
More results

Similar Description - SL-F

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Apacer Technology Inc.
MICROSD-H1-SL APACER-MICROSD-H1-SL Datasheet
1Mb / 3P
microSDH1-SLseries
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
8137105 FESTO-8137105 Datasheet
92Kb / 2P
Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
Vibration Limit Switch
2020-10-05
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com