Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX2S1050 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEX2S1050
Description  2-Port PCI Express Serial Card with 16C1050 UART - RS232
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX2S1050 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEX2S1050 Datasheet HTML 1Page - StarTech.com Ltd. PEX2S1050 Datasheet HTML 2Page - StarTech.com Ltd. PEX2S1050 Datasheet HTML 3Page - StarTech.com Ltd. PEX2S1050 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
2 Years
Hardware
Bus Type
PCI Express
Card Type
Standard Profile (LP bracket incl.)
Chipset ID
SB16C1052PCI
Interface
Serial
Port Style
Integrated on Card
Ports
2
Performance
Data Bits
5, 6, 7, 8
FIFO
256 Bytes
Full Duplex Support
Yes
Max Baud Rate
460.8 Kbps
Serial Protocol
RS-232
Connector(s)
Connector Type(s)
1 - PCI Express x1 Male
External Ports
2 - DB-9 (9 pin, D-Sub) Male
Software
Microsoft WHQL Certified
Yes
OS Compatibility
Windows® 95, 98SE, ME, XP, Vista, 7, 8, 8.1, 10
Linux 2.4 to 2.6.x
Environmental
Humidity
5~85% RH
Operating Temperature
-10°C to 80°C (14°F to 176°F)
Storage Temperature
-20°C to 100°C (-4°F to 212°F)
Physical
Characteristics
Product Height
20 mm [0.8 in]
Product Length
103 mm [4.1 in]
Product Weight
61 g [2.2 oz]
Product Width
120 mm [4.7 in]
Packaging
Information
Shipping (Package) Weight
149 g [5.3 oz]
What's in the Box
Included in Package
1 - serial card
2 - low-profile brackets
1 - driver CD
1 - quick-start guide
Product appearance and specifications are subject to change without notice.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com