Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # BAS40
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BAS40 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BAS40 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAS40 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40
Surface Mount Schottky
Barrier Diode
Low Turn-on Voltage
Low Forward Voltage - 0.5V(Max) @ I = 30 mA
F
Case: Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
Very Low Capacitance - Less Than 5.0pF @ 1V
For high speed switching application, circuit protection
K
C
H
L
A
B S
G
V
3
1
2
To p Vie w
1
2
3
3
CATHODE
1
ANODE
2.800 3.040
1.200 1.400
0.890 1.110
0.370 0.500
1.780 2.040
0.013 0.100
0.085 0.177
0.450 0.600
0.890 1.020
2.100 2.500
0.450 0.600
All Dimension in mm
MAXIMUM RATINGS
o
(T = 150 C unless otherwise noted)
J
Rating
Symbol
Value
Unit
Rev ers e Volta ge
VR
40
Volts
Fo rwa rd Po wer Dis sip atio n
@ TA = 25
Der ate abo ve 25
PF
225
1.8
mW
mW /
Op era ting Jun ctio n and Sto rag e Tem per atu re Ran ge
TJ, Tstg
-55 to +1 50
DEVICE MARKING
BA S40 = B1
ELECTRICAL CHARACTERISTICS (TA =
unl ess oth erw ise not ed)
Characteristic
Symbol
Mi n
Ma x
Un it
Re ver se Bre ak do wn Volt ag e
(IR = 10 mA)
V(BR )R
40
Volt s
Tota l Ca pa cita nc e
(V R = 1.0 V, f = 1.0 MH z)
CT
5.0
pF
Re ver se Le ak ag e
(V R = 25 V)
IR
1.0
mAd c
Fo rw ard Volt ag e
(IF = 0.1 mA dc )
VF
38 0
mV dc
Fo rw ard Volt ag e
(IF = 30 mA dc )
VF
50 0
mV dc
Fo rw ard Volt ag e
(IF = 10 0 mA dc )
VF
1.0
Vd c
o
C
O
C
o
C
o
C
o
25 C
SOT-23
Dim
A
B
C
D
G
H
J
K
L
S
V
Min
Max
Features
Mechanical Data


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com