Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT370524.. Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PT370524..
Description  Miniature Relay PT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PT370524.. Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PT370524.. Datasheet HTML 1Page - TE Connectivity Ltd PT370524.. Datasheet HTML 2Page - TE Connectivity Ltd PT370524.. Datasheet HTML 3Page - TE Connectivity Ltd PT370524.. Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01-2017, Rev. 0117
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT
Contact Data (continued)
Contact ratings
Type
Contact
Load
Cycles
UL 508
PT 2
C (CO)
12A, 250VAC, general purpose, 70°C
6.000
PT 2
C (CO)
12A, 250VAC, resistive, 70°C
100x103
PT 2
A (NO) of C (CO)
12A, 250VAC, resistive, 70°C
100x103
PT 2
A (NO) of C (CO)
12A, 250VAC, resistive, 70°C
100x103
PT 3
C (CO)
10A, 250VAC, general purpose, 70°C
6.000
PT 3
C (CO)
10A, 250VAC, resistive, 70°C
100x103
PT 3
A (NO) of C (CO)
10A, 250VAC, resistive, 70°C
100x103
PT 3
B (NC) of C (CO)
10A, 250VAC, resistive, 70°C
100x103
PT 5
C (CO)
6A, 250VAC, general purpose, 70°C
6.000
PT 5
C (CO)
6A, 250VAC, resistive, 70°C
100x103
PT 5
A (NO) of C (CO)
6A, 250VAC, resistive, 70°C
100x103
PT 5
B (NC) of C (CO)
6A, 250VAC, resistive, 70°C
100x103
EN60947-4-1
PT 2
A (NO) of C (CO)
400VAC, 3.75A, AC3, opposite polarity, 70°C
PT 2
A (NO) of C (CO)
230VAC, 1.7A, AC5b (400W lamp load),
opposite polarity, 70°C
PT 3
A (NO) of C (CO)
250VAC, 2A, AC3, opposite polarity 70°C
PT 3
A (NO) of C (CO)
230VAC, 1.7A, AC5b (400W lamp load),
opposite polarity, 70°C
PT 5
A (NO) of C (CO)
250VAC, 3A, AC3, same polarity 70°C
PT 5
A (NO) of C (CO)
230VAC, 1.7A, AC5b (400W lamp load),
same polarity, 70°C
PT 2
A (NO) of C (CO)
DC coil, AC-15, 250VAC/4A, opposite polarity
6.050
PT 3
A (NO) of C (CO)
DC coil, AC-15, 250VAC/4A, same polarity 6.050
PT 5
A (NO) of C (CO)
DC coil, AC-15, 250VAC/4A, same polarity 6.050
PT 2
A (NO) of C (CO)
AC coil, AC-15, 250VAC/2A, opposite polarity
6.050
PT 3
A (NO) of C (CO)
AC coil, AC-15, 250VAC/2A, same polarity 6.050
PT 5
A (NO) of C (CO)
AC coil, AC-15, 250VAC/2A, same polarity 6.050
PT2/3/5 A (NO) of C (CO) DC-13, 24VDC/4A 6.050
Mechanical endurance
DC coil
30x106 operations
AC coil
20x106 operations
Coil Data
Coil voltage range
6 to 220VDC
6 to 230VAC
Operative range, IEC 61810
DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C
90..110% of rated voltage
Coil insulation system according UL
class 155 (F)
n
2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
n
DC or AC coil
n
Switching performance up to 3000VA
n
Relay height 29mm
n
Mechanical indicator, optional LED and protection diode
n
Manual test tab, optionally lockable
n
White marking tabs
Typical applications
Universal use in control and automation
Approvals
VDE Cert. No. 40009108, UL E214025, Lloyds 00/20059
Technical data of approved types on request
Contact Data
PT2
PT3
PT5
Contact arrangement
2 form C
3 form C
4 form C
2 CO
3 CO
4 CO
Rated voltage
240VAC
Max. switching voltage
400VAC
400VAC
240VAC
Rated current
12A
10A
6A
Limiting making current, max. 20ms
24A
20A
12A
Limiting breaking current
12A
10A
6A
Limiting short-time current
300A/30ms
Switching power
3000VA
2500VA
1500VA
Contact material
AgNi90/10, AgNi90/10 gold plated
Min. recommended contact load
12V at 10mA
gold plated: 20mV at 1mA
Initial voltage drop
30mV at 100mA/6VDC
Frequency of operation
with/without load
360/36000h-1
Operate time typ., DC coil
15ms
Release time typ., DC coil, without/with PD
10/18ms
Bounce time typ., DC coil, form A/form B
6/8ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
PT 2 DC/AC coil C (CO)
12A, 250VAC, cos
φ=1, 70°C
70x103
PT 2 DC/AC coil A (NO) of C (CO) 9A, 250VAC, cos
φ=1, 80°C
150x103
PT 2 DC/AC coil A (NO) of C (CO) 4A, 250VAC, cos
φ=1, 80°C
300x103
PT 3 DC/AC coil C (CO)
10A, 250VAC, cos
φ=1, 70°C 100x103
PT 5 DC/AC coil C (CO)
6A, 250VAC, cos
φ=1, 70°C
100x103
F0191-B
Z


Similar Part No. - PT370524..

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT370524 MACOM-PT370524 Datasheet
387Kb / 4P
Miniature Relay
More results

Similar Description - PT370524..

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
Accessories Miniature Relay PT
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
Miniature Relay PT
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
Accessories Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415075-1 MACOM-2-1415075-1 Datasheet
264Kb / 3P
Relay Package PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
Miniature Relay PT
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
Relay Package PT
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
Miniature Relay PT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com