Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM139AFKB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM139AFKB
Description  LM139A-MIL Quad Differential Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM139AFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM139AFKB Datasheet HTML 6Page - Texas Instruments LM139AFKB Datasheet HTML 7Page - Texas Instruments LM139AFKB Datasheet HTML 8Page - Texas Instruments LM139AFKB Datasheet HTML 9Page - Texas Instruments LM139AFKB Datasheet HTML 10Page - Texas Instruments LM139AFKB Datasheet HTML 11Page - Texas Instruments LM139AFKB Datasheet HTML 12Page - Texas Instruments LM139AFKB Datasheet HTML 13Page - Texas Instruments LM139AFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1OUT
1
1IN–
2
1IN+
3
GND
4
VCC
7
2OUT
6
2IN–
5
2IN+
0.1 F
Ground
Bypass
Capacitor
Negative Supply or Ground
Positive Supply
0.1 F
Ground
Only needed
for dual power
supplies
14
13
12
11
8
9
10
3IN+
3IN–
4IN+
4IN–
3OUT
4OUT
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
10
LM139A-MIL
SLCS161 – JUNE 2017
www.ti.com
Product Folder Links: LM139A-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 8 and Figure 9 were generated with scope probe parasitic capacitance of 50 pF.
VCC = 5 V
VLogic = 5 V
RPULLUP = 5.1 kΩ
Figure 8. Response Time vs Output Voltage
(Positive Transition)
VCC = 5 V
VLogic = 5 V
RPULLUP = 5.1 kΩ
Figure 9. Response Time vs Output Voltage
(Negative Transition)
9 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, use a bypass capacitor on the supply pin
to reject any variation on the supply voltage. This variation can affect the common-mode range of the comparator
input and create an inaccurate comparison.
10 Layout
10.1 Layout Guidelines
To create an accurate comparator application without hysteresis, maintain a stable power supply with minimized
noise and glitches, which can affect the high level input common-mode voltage range. To achieve this accuracy,
add a bypass capacitor between the supply voltage and ground. Place a bypass capacitor on the positive power
supply and negative supply (if available).
NOTE
If a negative supply is not being used, do not place a capacitor between the GND pin of
the device and system ground.
10.2 Layout Example
Figure 10. LMx39 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com