Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2611AMF/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2611AMF/NOPB
Description  LM2611 1.4-MHz Cuk Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2611AMF/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2611AMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2611AMF/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
CIN: TAIYO YUDEN X5R JMK325BJ226MM
CCUK: TAIYO YUDEN X5R EMK316BJ105MF
COUT: TAIYO YUDEN X5R JMK325BJ226MM
D: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CR32-150
L2: SUMIDA CR32-470
CCUK
1 PF
COUT
22 PF
L2
47 PH
VIN
5V
D
CFF
330 pF
RFB1
29.4k
RFB2
10k
VIN
SW
NFB
GND
SHDN LM2611A
1
2
3
4
5
CIN
22 PF
L1
15 PH
VOUT - 5V
300 mA
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
5
7
9
11
13
15
17
19
OUTPUT VOLTAGE (-V)
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
5
7
9
11
13
15
17
19
OUTPUT VOLTAGE (-V)
LM2611
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
www.ti.com
Typical Application (continued)
It is a good idea to add a placeholder for a small capacitor across the top feedback resistor to act as a feed-
forward component to optimize transient response. Optimization of the feed-forward capacitor depends a lot on
the specific parameters including the parasitic components associated with the capacitors. Experimentation is
key to ensure ideal sizing of the capacitor (either using load transient response or a loop response analyzer).
See Improving Transient Response and Compensation for details regarding the CFF capacitor.
8.2.1.3 Application Curves
Figure 22. Maximum Output Current vs Output Voltage at
Figure 23. Maximum Output Current vs Output Voltage at
VIN = 12 V (L1 = L2 = 22 µH)
VIN = 5 V (L1 = L2 = 22 µH)
8.2.2 5-V to –5-V Inverting Converter
Figure 24. 5-V to –5-V Inverting Converter Schematic
8.2.2.1 Design Requirements
This design converts 5 V (VIN) to –5 V (VOUT). Adjust RFB2 to set a different output voltage.
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com