Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM34
Description  LM34 Precision Fahrenheit Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM34 Datasheet HTML 4Page - Texas Instruments LM34 Datasheet HTML 5Page - Texas Instruments LM34 Datasheet HTML 6Page - Texas Instruments LM34 Datasheet HTML 7Page - Texas Instruments LM34 Datasheet HTML 8Page - Texas Instruments LM34 Datasheet HTML 9Page - Texas Instruments LM34 Datasheet HTML 10Page - Texas Instruments LM34 Datasheet HTML 11Page - Texas Instruments LM34 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM34
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics: LM34, LM34C, and LM34D (continued)
Unless otherwise noted, these specifications apply:
−50°F ≤ TJ ≤ 300°F for the LM34 and LM34A; −40°F ≤ TJ ≤ 230°F for the
LM34C and LM34CA; and +32°F
≤ TJ ≤ 212°F for the LM34D. VS = 5 Vdc and ILOAD = 50 µA in the circuit of Full-Range
Fahrenheit Temperature Sensor; 6 Vdc for LM34 and LM34A for 230°F
≤ TJ ≤ 300°F. These specifications also apply from
5°F to TMAX in the circuit of Basic Fahrenheit Temperature Sensor (5°F to 300°F).
LM34
LM34C, LM34D
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Tested Limit
100
100
VS = 5 V, TA = 77°F
Design Limit
µA
75
75
Tested Limit
VS = 5 V
Design Limit
176
154
µA
131
116
Quiescent current(6)
Tested Limit
103
103
VS = 30 V, TA = 77°F
Design Limit
µA
76
76
Tested Limit
VS = 30 V
Design Limit
181
159
µA
132
117
Tested Limit
3
3
4 V
≤ VS ≤ 30 V,
Design Limit
µA
TA = +77°F
0.5
0.5
Change of quiescent
current(5)
Tested Limit
5 V
≤ VS ≤ 30 V
Design Limit
5
5
µA
1
1
Tested Limit
Temperature coefficient
Design Limit
0.7
0.7
µA/°F
of quiescent current
0.3
0.3
Tested Limit
In circuit of Basic
Minimum temperature
Fahrenheit
Design Limit
5.0
5
°F
for rated accuracy
Temperature Sensor
(5°F to 300°F), IL = 0
3
3
Long-term stability
TJ = TMAX for 1000 hours
±0.16
±0.16
°F
(6)
Quiescent current is defined in the circuit of Basic Fahrenheit Temperature Sensor (5°F to 300°F).
8
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com