Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3444MM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3444MM/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3444MM/NOPB Datasheet HTML 17Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 18Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 19Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 20Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 21Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 22Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 23Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 24Page - Texas Instruments LM3444MM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
L2
R3
C11
Q2
Q3
D3
ICOLL
V+
BR1
+
+
1
2
3
4
5
6
7
8
9
10
VLED
R4
GND
VCC
FLTR2
NC
NC
ISNS
GATE
NC
COFF
NC
LM3444
VLED-
D10
C7
C9
D4
D8
V+
C1
C2
F1
D1
D2
D9
R2
Q1
C5
R8
R6
R7
C12
U1
C4
C10
RT1
R10
VAC
J1
VBUCK
L1
C15
L3
L4
TP3
D12
TP14
TP15
TP16
TP5
LED-
L5
TP4
LED+
TP7-9
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Typical Application (continued)
Figure 19. LM3444 Design Example 1 Input = 90 VAC to 135 VAC
VLED = 7 × HB LED String Application at 400 mA
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com