Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM119 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM119
Description  LMx19 High Speed Dual Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM119 Datasheet(HTML) 1 Page - Texas Instruments

  LM119 Datasheet HTML 1Page - Texas Instruments LM119 Datasheet HTML 2Page - Texas Instruments LM119 Datasheet HTML 3Page - Texas Instruments LM119 Datasheet HTML 4Page - Texas Instruments LM119 Datasheet HTML 5Page - Texas Instruments LM119 Datasheet HTML 6Page - Texas Instruments LM119 Datasheet HTML 7Page - Texas Instruments LM119 Datasheet HTML 8Page - Texas Instruments LM119 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM119, LM219, LM319
SNOSBJ2B – AUGUST 2000 – REVISED JANUARY 2016
LMx19 High Speed Dual Comparator
1
1 Features
1
•
Two Independent Comparators
•
Operates from a Single 5-V Supply
•
Typically 80-ns Response Time at ±15 V
•
Minimum Fan-out of 2 Each Side
•
Maximum Input Current of 1
μA Over
Temperature
•
Inputs and Outputs can be Isolated from System
Ground
•
High Common-Mode Slew Rate
Connection Diagram
Typical Application - Relay Driver
2 Description
The LM119 series are precision high-speed dual
comparators fabricated on a single monolithic chip.
They are designed to operate over a wide range of
supply voltages down to a single 5-V logic supply and
ground. They have higher gain and lower input
currents than devices such as the LM710. The
uncommitted collector of the output stage makes the
LM119 compatible with RTL, DTL, and TTL, as well
as capable of driving lamps and relays at currents of
up to 25 mA.
The LM319A offers improved precision over the
standard LM319, with tighter tolerances on offset
voltage, offset current, and voltage gain.
Although designed primarily for applications requiring
operation from digital logic supplies, the LM119 series
are fully specified for power supplies up to ±15 V.
The series features faster response than the LM111,
at the expense of higher power dissipation. However,
the high-speed, wide operating voltage range and low
package count make the LM119 more versatile than
older devices such as the LM711.
The LM119 is specified from
−55°C to +125°C, the
LM219 is specified from
−25°C to +85°C, and the
LM319A and LM319 are specified from 0°C to +70°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM119, LM219,
LM319
TO-100 (10)
8.96 mm × 8.96 mm
CDIP (14)
6.67 mm × 19.56
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LM119

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Linear Technology
LM119 LINER-LM119 Datasheet
240Kb / 8P
Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
LM119 STMICROELECTRONICS-LM119 Datasheet
589Kb / 12P
High speed dual comparators
28-Jan-2007
More results

Similar Description - LM119

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
LM119QML High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com