Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC08RAM04ACL020PVC Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08RAM04ACL020PVC
Description  M8 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08RAM04ACL020PVC Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXPPVC08RAM04ACL020PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08RAM04ACL020PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BUCCANEER
M8 Series
M8 Buccaneer
Straight & right angled configurations
3, 4 or 5 contacts
Metal & plastic shell options
A & B coded
These compact sensor and automation connectors with screw lock coupling are mechanically and
chemically robust, easy to install, minimise downtime and help to increase production efficiency.
Rated to the IP67 standard, Bulgin’s M8 Series ensure safe, secure and reliable protection from
liquids, dust, moisture and dirt whilst also providing great resistance against vibrations to ensure
that connections are not disrupted.
Bulgin’s M8 circular connectors and overmolded cables are
designed to fulfil the ever growing demand for sensor, actuator
and data connections in process control, industrial machinery
and factory automation applications.
Environmental protection class IP67
Field installable connectors, panel mounts & overmolded cable options
PVC or PUR jacketed cable variants with many lengths from 1m – 15m
Key features:


Similar Part No. - PXPPVC08RAM04ACL020PVC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXPPVC08RAM04ACL020PVC BULGINLIMITED-PXPPVC08RAM04ACL020PVC Datasheet
2Mb / 13P
M8 Series
More results

Similar Description - PXPPVC08RAM04ACL020PVC

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224896 ERNI-224896 Datasheet
37Kb / 1P
CCCS M8, 3pin / M8, 3pin
224897 ERNI-224897 Datasheet
39Kb / 1P
CCCS M8, 3pin / M8, 3pin
logo
NorComp
854-004-203RKT4 NORCOMP-854-004-203RKT4 Datasheet
87Kb / 1P
M8 SERIES
Rev.01
854-004-203RLSY NORCOMP-854-004-203RLSY Datasheet
68Kb / 1P
M8 SERIES
Rev.08
854-005-203RLSY NORCOMP-854-005-203RLSY Datasheet
69Kb / 1P
M8 SERIES
Rev.05
854-006-203RLSY NORCOMP-854-006-203RLSY Datasheet
70Kb / 1P
M8 SERIES
Rev.06
854-008-103RLS4 NORCOMP-854-008-103RLS4 Datasheet
57Kb / 1P
M8 SERIES
Rev.00
854-008-103RLU4 NORCOMP-854-008-103RLU4 Datasheet
56Kb / 1P
M8 SERIES
Rev.00
854-008-203RLS4 NORCOMP-854-008-203RLS4 Datasheet
60Kb / 1P
M8 SERIES
Rev.02
854-AXY-10YRLS4 NORCOMP-854-AXY-10YRLS4 Datasheet
87Kb / 1P
M8 SERIES
Rev.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com