Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXPPVC05FIM04ACL050PVC Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC05FIM04ACL050PVC
Description  M5 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC05FIM04ACL050PVC Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXPPVC05FIM04ACL050PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC05FIM04ACL050PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BUCCANEER
M5 Series
M5 Buccaneer
Secure & reliable screw locking mechanism
Robust PVC & PUR overmolded cables
Cable length from 1m - 15m
High degree of environmental protection - IP67 rated
The most compact connector type in the M-Series
range, Bulgin’s waterproof M5 sensor connectors
come in straight and angled forms with PVC or
PUR overmolded cable option s and a variety
of panel mount receptacles.
With an industry standard screw coupling mechanism and IP67 rating, this circular connector
product line is particularly suited to automotive, process control, commercial electronics &
instrumentation applications that require reliable and robust miniature sensors.
Straight & right angled cable connectors
Rear & front panel mount receptacles
Available with 3 or 4 poles
Key features:


Similar Part No. - PXPPVC05FIM04ACL050PVC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXPPVC08FBF BULGINLIMITED-PXPPVC08FBF Datasheet
1Mb / 9P
M8 Series
PXPPVC08FBF BULGINLIMITED-PXPPVC08FBF Datasheet
2Mb / 13P
M8 Series
PXPPVC08FBF03ACL010PVC BULGINLIMITED-PXPPVC08FBF03ACL010PVC Datasheet
1Mb / 9P
M8 Series
PXPPVC08FBF03ACL010PVC BULGINLIMITED-PXPPVC08FBF03ACL010PVC Datasheet
2Mb / 13P
M8 Series
PXPPVC08FBF03ACL020PVC BULGINLIMITED-PXPPVC08FBF03ACL020PVC Datasheet
1Mb / 9P
M8 Series
More results

Similar Description - PXPPVC05FIM04ACL050PVC

ManufacturerPart #DatasheetDescription
logo
NorComp
850-002-103RLSY NORCOMP-850-002-103RLSY Datasheet
70Kb / 1P
M5 SERIES
Rev.06
850-002-203RLUY NORCOMP-850-002-203RLUY Datasheet
69Kb / 1P
M5 SERIES
Rev.07
850-003-203RLUY NORCOMP-850-003-203RLUY Datasheet
70Kb / 1P
M5 SERIES
Rev.09
850-003-203RSSY NORCOMP-850-003-203RSSY Datasheet
70Kb / 1P
M5 SERIES
Rev.07
850-004-103RLUY NORCOMP-850-004-103RLUY Datasheet
69Kb / 1P
M5 SERIES
Rev.06
850-004-203RLUY NORCOMP-850-004-203RLUY Datasheet
69Kb / 1P
M5 SERIES
Rev.07
851-002-203R00Y NORCOMP-851-002-203R00Y Datasheet
73Kb / 1P
M5 SERIES
Rev.05
851-004-10SR004 NORCOMP-851-004-10SR004 Datasheet
76Kb / 1P
M5 SERIES
Rev.00
852-002-113R00Y NORCOMP-852-002-113R00Y Datasheet
71Kb / 1P
M5 SERIES
Rev.07
852-004-213R00Y NORCOMP-852-004-213R00Y Datasheet
77Kb / 1P
M5 SERIES
Rev.05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com