Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM628 Datasheet(HTML) 4 Page - Texas Instruments

  LM628 Datasheet HTML 1Page - Texas Instruments LM628 Datasheet HTML 2Page - Texas Instruments LM628 Datasheet HTML 3Page - Texas Instruments LM628 Datasheet HTML 4Page - Texas Instruments LM628 Datasheet HTML 5Page - Texas Instruments LM628 Datasheet HTML 6Page - Texas Instruments LM628 Datasheet HTML 7Page - Texas Instruments LM628 Datasheet HTML 8Page - Texas Instruments LM628 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics (continued)
(VDD and TA per Operating Ratings; fCLK = 6 MHz; CLOAD = 50 pF; Input Test Signal tr = tf = 10 ns)
Tested Limits
Timing Interval
T#
Units
Min
Max
COMMAND BYTE WRITE TIMING (See Figure 6)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Busy Bit Delay
T13
See(1)
ns
WR Pulse Width
T14
100
ns
Write Data Setup Time
T15
50
ns
Write Data Hold Time
T16
120
ns
DATA WORD READ TIMING (See Figure 7)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Read Data Access Time
T10
180
ns
Read Data Hold Time
T11
0
ns
RD High to Hi-Z Time
T12
180
ns
Busy Bit Delay
T13
See(1)
ns
Read Recovery Time
T17
120
ns
DATA WORD WRITE TIMING (See Figure 8)
Chip-Select Setup/Hold Time
T7
0
ns
Port-Select Setup Time
T8
30
ns
Port-Select Hold Time
T9
30
ns
Busy Bit Delay
T13
See(1)
ns
WR Pulse Width
T14
100
ns
Write Data Setup Time
T15
50
ns
Write Data Hold Time
T16
120
ns
Write Recovery Time
T18
120
ns
(1)
In order to read the busy bit, the status byte must first be read. The time required to read the busy bit far exceeds the time the chip
requires to set the busy bit. It is, therefore, impossible to test actual busy bit delay. The busy bit is ensured to be valid as soon as the
user is able to read it.
Figure 3. Quadrature Encoder Input Timing
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com