Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75AIM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM75AIM/NOPB
Description  LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM75AIM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM75AIM/NOPB Datasheet HTML 1Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 2Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 3Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 4Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 5Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 6Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 7Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 8Page - Texas Instruments LM75AIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM75A
www.ti.com
SNOS808P – JANUARY 2000 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
8-Pins
SOIC (D) and VSSOP (DGK) Packages
Top View
Pin Functions
PIN
DESCRIPTION
TYPICAL CONNECTION
NO.
NAME
I2C Serial Bi-Directional Data Line, Open
1
SDA
From Controller, tied to a pullup resistor or current source
Drain
2
SCL
I2C Clock Input
From Controller, tied to a pullup resistor or current source
Overtemperature Shutdown, Open Drain
3
O.S.
Pull–up Resistor, Controller Interrupt Line
Output
4
GND
Power Supply Ground
Ground
5
A2
6
A1
User-Set I2C Address Inputs
Ground (Low, “0”) or +VS (High, “1”)
7
A0
DC Voltage from 2.7 V to 5.5 V 100-nF bypass capacitor with 10-µF bulk
8
+VS
Positive Supply Voltage Input
capacitance in the near vicinity
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage Pin (+VS)
−0.3
6.5
V
Voltage at A0, A1and A2 Pins
−0.3
(+VS + 0.3) and must be ≤ 6.5
V
Voltage at OS, SCL and SDA Pins
−0.3
6.5
V
Input Current at any Pin(2)
5
mA
Package Input Current(2)
20
mA
O.S. Output Sink Current
10
mA
O.S. Output Voltage
6.5
V
Storage temperature, Tstg
–65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to
5mA. The 20mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 5mA to four.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
V(ESD)
Electrostatic discharge
V
C101(2)
Machine model
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM75A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com