Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM57 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM57
Description  LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM57 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM57 Datasheet HTML 4Page - Texas Instruments LM57 Datasheet HTML 5Page - Texas Instruments LM57 Datasheet HTML 6Page - Texas Instruments LM57 Datasheet HTML 7Page - Texas Instruments LM57 Datasheet HTML 8Page - Texas Instruments LM57 Datasheet HTML 9Page - Texas Instruments LM57 Datasheet HTML 10Page - Texas Instruments LM57 Datasheet HTML 11Page - Texas Instruments LM57 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
LM57-Q1
SNIS191A – JULY 2015 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = 2.4 to 5.5 V and over free air temperature range. These limits do
not include DC load regulation. These stated accuracy limits are with reference to the values in Table 1.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OTHER TEMPERATURE SENSOR SPECIFICATIONS
J2:
−50°C to 52°C
−5.166
J3: 52°C to 97°C
−7.752
VTEMP sensor gain
mV/°C
J4: 97°C to 119°C
−10.339
J5: 119°C to 160°C
−12.924
0.18
mV
Line regulation DC: supply-
Temp = 90°C
58
μV/V
to-VTEMP
(1)
−84
dB
Source
≤ 240 µA, (VDD – VTEMP) ≥ 200 mV; TA
−1
=
−50°C to 150°C
mV
Load regulation: VTEMP
Sink
≤ 300 µA, VTEMP ≥ 360 mV; TA = −50°C
output (2)
1
to 150°C
Source or sink = 100 µA; TA = −50°C to 150°C
1
Maximum Load
No output series resistor required; (See VTEMP
1100
pF
capacitance: VTEMP output
Capacitive Loads )
for all LM57-Q1 for TA ≤ 150°C
24
28
µA
TA = 150°C to 160°C for LM57FSPWQ1 and
Supply current: quiescent
24
29
µA
IS
LM57TSPWQ1
(3)
TA = 170°C for LM57FSPWQ1 and
26
µA
LM57TSPWQ1
TRIP-TEST INPUT
VIH
Logic 1 threshold voltage
VDD – 0.5
V
VIL
Logic 0 threshold voltage
0.5
V
IIH
Logic 1 input current
1.4
3
µA
Logic 0 input leakage
IIL
TA = −50°C to 150°C
0.001
1
µA
current (4)
TOVER (PUSH-PULL, ACTIVE-HIGH) OUTPUT
Source
≤ 600 µA
VDD – 0.2
Logic 1 push-pull output
VOH
V
voltage
Source
≤ 1.2 mA
VDD – 0.45
Sink
≤ 600 µA
0.2
VOL
Logic 0 output voltage
V
Sink
≤ 1.2 mA
0.45
TOVER (OPEN-DRAIN, ACTIVE-LOW) OUTPUT
Sink
≤ 600 µA
0.2
VOL
Logic 0 output voltage
V
Sink
≤1.2 mA
0.45
Logic 1 output leakage
IOH
Temperature = 30°C;
0.001
1
µA
current (4)
(1)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in VTEMP Voltage Shift .
(2)
Source currents are flowing out of the LM57-Q1. Sink currents are flowing into the LM57-Q1. Load Regulation is calculated by
measuring VTEMP at 0 μA and subtracting the value with the conditions specified.
(3)
Supply current refers to the quiescent current of the LM57-Q1 only and does not include any load current
(4)
This current is leakage current only and is therefore highest at high temperatures. Prototype test indicate that the leakage is well below
1
μA over the full temperature range. This 1 μA specification reflects the limitations of measuring leakage at room temperature. For this
reason only, the leakage current is not specified at a lower value.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM57-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com