Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD2407PFS3 Datasheet(PDF) 2 Page - Sunon Fans

Part # KD2407PFS3
Description  Sunon DC Brushless Fan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD2407PFS3 Datasheet(HTML) 2 Page - Sunon Fans

  KD2407PFS3 Datasheet HTML 1Page - Sunon Fans KD2407PFS3 Datasheet HTML 2Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006/12/10 (111-e)
2006
12
05
P
H
B
1
FAN SERIES
KD Series
VOLTAGE
05:5VDC
12:12VDC
24:24VDC
FRAME SIZE
04:40mm
45:45mm
05:50mm
06:60mm
FRAME MATERIAL
P:PBT Plastic
SPEED
X:SUPER
1:HIGH
BEARING SYSTEM
S:SLEEVE
B:BALL
FRAME THICKNESS
F:10mm
H:15mm
M:38mm
2:MIDDLE
3:LOW
KD
DC Brushless Fan Model Numbering System
K:20mm
T:25mm
07:70mm
08:80mm
09:92mm
12:120mm
Motor model
Two ball bearing
Big hub
9 Blades
RoHS compliance
11/13
(2)
G
(9)
GN
P/N
Example: KD1205PHB1 P/N:(2).GN
Headquarters:
Sunonwealth Electric Machine Industry Co., Ltd.
TEL: +886-7-8135888 FAX: +886-7-
8230505/8230606/8231010
URL: http://www.sunon.com
Sunon Inc. (U.S.A.)
TEL : +1-714-255-0208 FAX :+ 1-714-255-0802
URL : http://www.sunonusa.com
Sunon SAS (Europe)
TEL : +33-1-46154515 FAX : +33-1-46154510
URL: http://www.sunoneurope.com
Sunon Corporation (Japan)
TEL : +81-3-5395-3069 FAX: +81-3-5395-3080
URL: http://www.sunon.co.jp
Sunon Technologies Pte Ltd. (Singapore)
TEL : +65-6795-0300
FAX :+65-6795-0600
Sunonwealth Electric Machine Industry (HK) Ltd. (Hong Kong)
TEL :+ 852-24-111-388 FAX : +852-24-050-707
Sunon Shanghai Office (Shanghai, China)
TEL : +86-021-54072207 FAX :+86-021-54072207 Ext.23
URL: http://www.sunon.com.cn
Sunon Shen Zhen Office (Shen Zhen, China)
TEL : +86-755-26880688 FAX :+86-755-26880288
Sunon Guangzhou Office (Guangzhou, China)
TEL: +86-20-87788928
FAX:+86-20-87786786
Worldwide Locations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com