Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM809 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM809 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments LM809 Datasheet HTML 10Page - Texas Instruments LM809 Datasheet HTML 11Page - Texas Instruments LM809 Datasheet HTML 12Page - Texas Instruments LM809 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
V
CC
RESET
GND
LM809
V
CC
RESET
GND
BUFFER
4.7 k
Buffered
to other system
components
RESET
µP
9
LM809, LM810
www.ti.com
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
Product Folder Links: LM809 LM810
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7.3.1.3 Interfacing to µPs with Bidirectional Reset Pins
Microprocessors with bidirectional reset pins, such as the Motorola 68HC11 series, can be connected to the
LM809 RESET output. To ensure a correct output on the LM809 even when the microprocessor reset pin is in
the opposite state, connect a 4.7-k
Ω resistor between the LM809 RESET output and the µP reset pin, as shown
in Figure 9. Buffer the LM809 RESET output to other system components.
Figure 9. Interfacing to Microprocessors with Bidirectional Reset I/O
7.4 Device Functional Modes
7.4.1 VCC Supply Voltage Low
When VCC supply voltage declines below the reset threshold, the RESET output is asserted. For LM809, the
active-low RESET output is low. For LM810, the active-high RESET output is high.
7.4.2 VCC Supply Voltage High
When the VCC supply voltage rises above the reset threshold, the RESET output resets after 240 ms. For LM809,
the active-low RESET output rises high. For LM810, the active-high RESET output drops low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com