Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP222YN Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP222YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222YN Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP222YN Datasheet HTML 6Page - Power Integrations, Inc. TOP222YN Datasheet HTML 7Page - Power Integrations, Inc. TOP222YN Datasheet HTML 8Page - Power Integrations, Inc. TOP222YN Datasheet HTML 9Page - Power Integrations, Inc. TOP222YN Datasheet HTML 10Page - Power Integrations, Inc. TOP222YN Datasheet HTML 11Page - Power Integrations, Inc. TOP222YN Datasheet HTML 12Page - Power Integrations, Inc. TOP222YN Datasheet HTML 13Page - Power Integrations, Inc. TOP222YN Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. G 08/16
10
TOP221-227
www.power.com
ABSOLUTE MAXIMUM RATINGS(1,5)
DRAIN Voltage .................................................. -0.3 to 700 V
DRAIN Current Increase (
∆I
D) in 100 ns except during
blanking time ................................................. 0.1 x I
LIMIT(MAX)
(2)
CONTROL Voltage............................................ - 0.3 V to 9 V
CONTROL Current .................................................... 100 mA
Storage Temperature ........................................-65 to 150
°C
Operating Junction Temperature(3) ...................-40 to 150
°C
Lead Temperature(4) ...................................................260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Related to transformer saturation – see Figure 13.
3. Normally limited by internal circuitry.
4. 1/16" from case for 5 seconds.
5. The Absolute Maximum Ratings specified may be applied,
one at a time without causing permanent damage to the
product. Exposure to Absolute Maximum Ratings for ex-
tended periods of time may affect product reliability.
90
100
110
64
67
70
0.7
1.7
2.7
-21
-16
-11
-0.05
0.8
2.0
3.3
10
15
22
0.18
-2.4
-1.9
-1.2
-2
-1.5
-0.8
0.4
f
OSC
D
MAX
D
MIN
I
B
Z
C
I
C
V
C(AR)
CONTROL FUNCTIONS
Output Frequency
Maximum Duty Cycle
Minimum Duty Cycle
PWM
Gain
PWM Gain
Temperature Drift
External Bias Current
Dynamic Impedance
Dynamic Impedance
Temperature Drift
CONTROL Pin
Charging Current
Charging Current
Temperature Drift
kHz
%
%
%/mA
%/mA/
°C
mA
Ω
%/
°C
mA
%/
°C
SHUTDOWN/AUTO-RESTART
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
I
C = 4 mA, TJ = 25 °C
I
C = ICD1 + 0.4 mA, See Figure 10
I
C = 10 mA, See Figure 10
I
C = 4 mA, TJ = 25 °C
See Figure 4
See Note A
See Figure 4
I
C = 4 mA, TJ = 25 °C
See Figure 11
V
C = 0 V
T
J = 25 °C
V
C = 5 V
See Note A
S1 open
THERMAL RESISTANCE
Thermal Resistance: Y Package
(
θ
JA)
(1)
............................................. 70
°C/W
(
θ
JC)
(2)
............................................... 2
°C/W
P/G Package:
(
θ
JA) ............................45 °C/W
(3)
; 35
°C/W(4)
(
θ
JC)
(2)
............................................. 11
°C/W
Notes:
1. Free standing with no heat sink.
2. Measured at tab closest to plastic interface or SOURCE pin.
3. Soldered to 0.36 sq. inch (232 mm2), 2 oz. (610 gm/m2) copper clad.
4. Soldered to 1 sq. inch (645 mm2), 2 oz. (610 gm/m2) copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com