Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # DB3
Description  SIGNAL BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

DB3 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  DB3 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. DB3 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIAGRAM 1 : Current-voltage characteristics
DIAGRAM 2 : Test circuit for output voltage
DIAGRAM 3 : Test circuit see diagram2 adjust R for
Ip=0.5A
FIG.1-Power dissipation versus ambient
temperature (maximum values)
FIG.2-Relative variation of VBO versus junction
temperature (typical values)
FIG.3-Peak pulse current versus pulse duration
(maximum values)
+IF
-IF
-V
+V
△V
10mA
0.5 VBO
VBO
IBO
IB
220V
50Hz
10KW
500KW
R=20W
D.U.T
Vo
0.1mF
90%
10%
tr
Ip
50
0 10
40
30
20
130
120
110
100
90
80
70
60
0
140
40
160
20
120
100
80
60
P (mW)
Tamb( ℃)
1
0.01
0.1
2
10
10000
1000
100
F=100Hz
TJ initial=25℃
Tamb( ℃)
ITRM(A)
tp(mS)
VBO(TJ)
VBO(TJ=25℃)
25
50
125
100
75
1.00
1.08
1.06
1.04
1.02
TJ (℃)
RATINGS AND CHARACTERISTIC CURVES DB3/DB4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com