Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # DB4
Description  SIGNAL BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

DB4 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  DB4 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. DB4 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB3 / DB4
SIGNAL BIDIRECTIONAL
DIAC
Features
The three layer, two terminal, axial lead,
hermetically sealed diacs are designed
specifically for triggering thyristors.
They demonstrate low breakover current
at breakover voltage as they withstand
peak pulse current. The breakover
symmetry is within three volts.
These diacs are intended for use in
thyristors phase control, circuits for lamp
dimming, universal motor speed control,
and heat control
DEC's DB3/DB4 are bi-directional trigged
diode designed to operate in conjunction
with Triacs and SCR's
Absolute Ratings (Limiting Values)
Electrical characteristics
Symbols
Value
Units
Power Dissipation on Printed
Circuit(L=10mm)
mW
150
Repetitive Peak on-state
Current
-40 to +125/-40 to 110
℃
Pc
ITRM
Storage and Operating Junction Temperature
TSTG/TJ
2.0
A
TA=50℃
tp=10μs
F=100Hz
2.0
Parameters
DB3
DB4
Symbols
Value
Units
Breakover Voltage (Note 2)
V
5
Breakover Voltage Symmetry
±3
VBO
|
+VBO|-
| -
VBO|
Dynamic Breakover Voltage (Note 1)
|±△V|
V
C=22nF(Note2)
See diagram 1
35
28
Parameters
DB3
DB4
Min
Typ
Max
40
32
45
36
Max
C=22nF(Note2)
See diagram 1
V
Test Conditions
△I=(IBO to IF=10mA)
See diagram 1
Min
5
Output Voltage (Note 1)
VO
V
See diagram 2
Min
100
Breakover Current (Note 1)
IBO
μA
C=22nF(Note2)
Max
1.5
Rise Time (Note 1)
tr
μS
See diagram 3
Typ
10
Leakage Current (Note 1)
IB
μA
VB=0.5 VBO max
see diagram 1
Max
Notes:
(1) Electrical characteristics applicable in both forward and reverse directions
(2) Connected in parallel with the devices
Dimensions in inches and (millimeters)
DO-35(GLASS)
1.083(27.5)
MIN.
1.083(27.5)
MIN.
0.154(3.9)
MAX.
0.020(0.52)
MAX.
DIA.
0.075(1.9)
MAX.
DIA.
R-1
0.787(20.0)
MIN.
0.787(20.0)
MIN.
0.126(3.2)
0.106(2.7)
0.025(0.65)
0.021(0.55)
DIA.
0.102(2.6)
0.091(2.3)
DIA.


Similar Part No. - DB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DB4 CHENYI-DB4 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB4 DCCOM-DB4 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Diotec Semiconductor
DB4 DIOTEC-DB4 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
59Kb / 5P
DIAC
Oct-2001
More results

Similar Description - DB4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com