Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

033 Datasheet(PDF) 1 Page - Pro-Power

Part # 033
Description  Wires
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

033 Datasheet(HTML) 1 Page - Pro-Power

  033 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wires
Page <1>
02/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Specification Table
Specifications:
Voltage Rating
: 1,000 V ac
Core-Earth / Core-Core Voltage Rating
: 600 V
Primary Insulation Material
: PVC
Dimensions : Millimetres
Primary
Insulation
Colour
Current
Rating
(A)
Conductor
Area
CSA (mm2)
External
Diameter
Conductor
Make-up
Part Number
Black
15
1
3.2
1 / 1.13
25
Blue
026
Red
027
Green / Yellow
028
Black
20
1.5
3.5
1 / 1.38
029
Blue
030
Green / Yellow
032
Black
28
2.5
3.9
1 / 1.78
033
Blue
034
Red
035
Green / Yellow
036


Similar Part No. - 033

ManufacturerPart #DatasheetDescription
logo
France Joint
033 FRANCEJOINT-033 Datasheet
254Kb / 1P
SANITARY SEALS
logo
WAGO Kontakttechnik Gmb...
033-000 WAGO-033-000 Datasheet
151Kb / 5P
Female plug 5 pole pin spacing 3.5 mm / 0.138 in 100% protected against mismating with codig fingers
17.02.2012
logo
Magnetrol International...
033-4740-001 MAGNETROL-033-4740-001 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
033-4741-002 MAGNETROL-033-4741-002 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
logo
France Joint
033.02500 FRANCEJOINT-033.02500 Datasheet
254Kb / 1P
SANITARY SEALS
More results

Similar Description - 033

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
IDC Sockets for Discrete Wires
logo
Ensign Corporation
IL002 ENSIGN-IL002 Datasheet
481Kb / 2P
Admiral Class - Lead Wires
IL025 ENSIGN-IL025 Datasheet
614Kb / 3P
Admiral Class - Lead Wires
logo
KOA Speer Electronics, ...
JL6CT52R KOA-JL6CT52R Datasheet
773Kb / 1P
Insulated Jumper Wires
logo
Glenair, Inc.
880-001P GLENAIR-880-001P Datasheet
410Kb / 2P
Cable Plug with Pigtail Wires
logo
TDK Electronics
B88069X0410T502 TDK-B88069X0410T502 Datasheet
93Kb / 5P
SSG with lead wires
B88069X0680T502 TDK-B88069X0680T502 Datasheet
69Kb / 4P
SSG with lead wires
logo
FOTEK CONTROLS CO., LTD...
TW08-01C FOTEK-TW08-01C Datasheet
320Kb / 2P
Two wires Inductive proximity sensor
logo
RRC power solutions Ltd...
SMBUS-BATTERY-CABLE RRC-SMBUS-BATTERY-CABLE Datasheet
251Kb / 2P
Battery Connector with 7-wires
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com