Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM83135-050 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM83135-050
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM83135-050 Datasheet(HTML) 2 Page - STMicroelectronics

  AM83135-050 Datasheet HTML 1Page - STMicroelectronics AM83135-050 Datasheet HTML 2Page - STMicroelectronics AM83135-050 Datasheet HTML 3Page - STMicroelectronics AM83135-050 Datasheet HTML 4Page - STMicroelectronics AM83135-050 Datasheet HTML 5Page - STMicroelectronics AM83135-050 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f = 3.1 — 3.5GHz
PIN = 15W
VCC = 42V
50
—
W
ηc
f = 3.1 — 3.5GHz
PIN = 15W
VCC = 42V
30
—
—
%
GP
f = 3.1 — 3.5GHz
PIN = 15W
VCC = 42V
5.2
—
—
dB
Note:
P uls e Wi dth
= 10µSec
D uty Cycl e
= 10%
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC = 25mA
IE = 0mA
55
—
—
V
BVEBO
IE = 5mA
IC = 0mA
3.5
—
—
V
BVCER
IC = 25mA
RBE = 10W
55
—
—
V
ICES
VBE =0V
VCE = 42V
—
—
20
mA
hFE
VCE =5V
IC = 3A
30
—
300
—
DYNAMIC
AM83135-050
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com