Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3526M-L/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3526M-L/NOPB
Description  LM3526 Dual Port USB Power Switch and Over-Current Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3526M-L/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3526M-L/NOPB Datasheet HTML 1Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 2Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 3Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 4Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 5Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 6Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 7Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 8Page - Texas Instruments LM3526M-L/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM3526
www.ti.com
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
−0.3V to 6V
Output Voltage
−0.3V to 6V
Voltage at All Other Pins
−0.3V to 5.5V
Power Dissipation (TA = 25°C)
(3)
700 mW
TJMAX
(3)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX (Maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDMAX = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings, which ever is lower. θJA = 150°C/W.
Operating Ratings
Supply Voltage Range
2.7V to 5.5V
Operating Ambient Range
−40°C to 85°C
Operating Junction Temperature Range
−40°C to 125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 5 seconds)
260°C
ESD Rating(1)
2kV
ESD Rating Output Only
8kV
(1)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Enable pin ESD threshold is 1.7kV.
DC Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5.0V, VEN = 0V (LM3526-L) or VEN = VIN (LM3526-H).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN = 5V, IOUT = 500mA, each switch
100
140
RON
On Resistance
m
Ω
VIN = 2.7V, IOUT = 500mA, each switch
110
180
IOUT
OUT pins continuous output
Each Output
0.5
A
current
ISC
Short Circuit Output Current
Each Output (enable into Load)(1)
A
VOUT = 4.0V
0.5
1.2
1.9
VOUT = 0.1V
1
1.5
OCTHRESH
Over-current Threshold
2.2
3.2
A
ILEAK
OUT pins Output Leakage
VEN = VIN (LM3526-L)
0.01
10
µA
Current
VEN = 0V (LM3526-H)
IFO = 10 mA, VIN = 5.0V
10
25
RFO
FLAG Output Resistance
IFO = 10 mA, VIN = 3.3V
11
35
Ω
IFO = 10 mA, VIN = 2.7V
12
40
IEN
EN/EN Leakage Current
VEN/VEN = 0V or VEN/VEN = VIN
−0.5
0.5
µA
VIH
EN/EN Input Logic High
See(2)
2.4
1.9
V
VIL
EN/EN Input Logic Low
See(2)
1.7
0.8
V
VUVLO
Under-Voltage Lockout
1.8
V
Threshold
IDDOFF
Supply Current
Switch-Off
0.2
1
µA
−40°C ≤ TJ ≤ 85°C
2
IDDON
Supply Current
Switch-On
115
200
µA
ThSD
Over-temperature Shutdown
TJ Increasing, with no shorted output
150
°C
Threshold
TJ Increasing, with shorted output (s)
145
TJ Decreasing
(1)
135
(1)
Thermal Shutdown will protect the device from permanent damage.
(2)
For LM3526-L, OFF is EN
≥ 2.4V and ON is EN ≤ 0.8V. For LM3526-H, OFF is EN ≤ 0.8V and ON is EN ≥ 2.4V.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com