Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550SP/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM3550SP/NOPB
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550SP/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3550SP/NOPB Datasheet HTML 28Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 29Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 30Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 31Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 32Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 33Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 34Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 35Page - Texas Instruments LM3550SP/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Strobe
VSENSE
(50 mV/DIV)
VALD/TEMP
(500 mV/DIV)
TIME
(10 ms/DIV)
Strobe
VSENSE
(50 mV/DIV)
VALD/TEMP
(500 mV/DIV)
TIME
(10 ms/DIV)
32
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
The flash current drops to 70% of the peak once the voltage on the ALD/TEMP pin exceeds the sense low trip point.
Figure 52. Effect of ALD/TEMP Voltage Rising During a Flash
The flash event is not allowed to start if the voltage on ALD/TEMP is higher that the sense high trip point.
Figure 53. Effect of ALD/TEMP Voltage Dropping During a Flash
8.2.2.1.5
Thermal Protection
Internal thermal protection circuitry disables the LM3550 when the junction temperature exceeds 145°C (typical).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device recovers and operates normally when the junction temperature falls
below 125°C (typical). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com