Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555TLX/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3555TLX/NOPB
Description  LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3555TLX/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3555TLX/NOPB Datasheet HTML 25Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 26Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 27Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 28Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 29Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 30Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 31Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 32Page - Texas Instruments LM3555TLX/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
VIN (V)
100
90
80
70
60
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VLED (@ 500 mA) = 3.6V
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 3.0V
TA = +85°C
TA = -30°C
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 6.1V (2 LEDs)
TA = +85°C
TA = -30°C
VIN (V)
100
90
80
70
60
50
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = +25°C
VLED (V) = 6.0V (2 LEDs)
TA = +85°C
TA = -30°C
VIN (V)
100
90
80
70
60
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VLED (@ 320 mA) = 6.75V (2 LEDs)
VIN (V)
100
90
80
70
60
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = -30°C
TA = +25°C
TA = +85°C
VLED (@ 400 mA) = 6.9V (2 LEDs)
29
LM3555
www.ti.com
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Two Series LEDs at 320 mA
Figure 51. LED Efficiency vs Input Voltage
Two Series LEDs at 400 mA
Figure 52. LED Efficiency vs Input Voltage
Two LEDs at 60 mA
Figure 53. LED Efficiency vs Input Voltage
Two LEDs at 80 mA
Figure 54. LED Efficiency vs Input Voltage
One LED at 500 mA
Figure 55. LED Efficiency vs Input Voltage
One LED at 60 mA
Figure 56. LED Efficiency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com