Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3648TTYFFR Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3648TTYFFR
Description  LM3648 Synchronous Boost LED Flash Driver with 1.5-A High-Side Current Source
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3648TTYFFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3648TTYFFR Datasheet HTML 18Page - Texas Instruments LM3648TTYFFR Datasheet HTML 19Page - Texas Instruments LM3648TTYFFR Datasheet HTML 20Page - Texas Instruments LM3648TTYFFR Datasheet HTML 21Page - Texas Instruments LM3648TTYFFR Datasheet HTML 22Page - Texas Instruments LM3648TTYFFR Datasheet HTML 23Page - Texas Instruments LM3648TTYFFR Datasheet HTML 24Page - Texas Instruments LM3648TTYFFR Datasheet HTML 25Page - Texas Instruments LM3648TTYFFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
IN
HWEN
LM3648
SDA
SCL
SW
OUT
LED
STROBE
TORCH/
TEMP
GND
TX
10 PF
10 PF
C2
L1
C1
PP/PC
VIN
2.5V t 5.5V
1 PH
22
LM3648, LM3648TT
SNVSA68D – OCTOBER 2014 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LM3648 LM3648TT
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3648 can drive a flash LED at currents up to 1.5 A. The 2-MHz or 4-MHz DC-DC boost regulator allows
for the use of small value discrete external components.
8.2 Typical Application
Figure 31. LM3648 Typical Application
8.2.1 Design Requirements
Example requirements based on default register values:
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
2.5 V to 5.5 V
Brightness Control
I2C Register
LED Configuration
1 Flash LED
Boost Switching Frequency
2 MHz (4 MHz selectable)
Flash Brightness
1.5-A Max Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com