Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880MX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4880MX/NOPB
Description  LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4880MX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4880MX/NOPB Datasheet HTML 1Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 2Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 3Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 4Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 5Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 6Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 7Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 8Page - Texas Instruments LM4880MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM4880
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
www.ti.com
Typical Application
*Refer to Application Information for information concerning proper selection of the input and output coupling
capacitors.
Figure 2. Typical Audio Amplifier Application Circuit
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation (3)
Internally limited
ESD Susceptibility (4)
2000V
ESD Susceptibility (5)
200V
Junction Temperature
150°C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
Thermal Resistance
θJC (PDIP)
37°C/W
θJA (PDIP)
107°C/W
θJC (SOIC)
35°C/W
θJA (SOIC)
170°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is functional, but do not specify specific performance limits. Electrical Characteristics state DC and AC electrical specifications under
particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM4880, TJMAX = 150°C, and the typical junction-to-ambient thermal resistance is 170°C/W for package
D0008A and 107°C/W for package P0008E.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
Machine model, 220 pF–240 pF discharged through all pins.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM4880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com