Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4947TL/NOPB
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4947TL/NOPB Datasheet HTML 9Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 10Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 11Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 12Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 13Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 14Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 15Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 16Page - Texas Instruments LM4947TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
20
100 200
500 1k
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
2
5
0.2
0.5
0.02
0.05
0.002
0.005
2k
5k 10k 20k
50
20
100 200
500 1k
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
2
5
0.2
0.5
0.02
0.05
0.002
0.005
2k
5k 10k 20k
50
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
2
5
0.2
0.5
0.02
0.05
0.002
0.005
20
100 200
500 1k 2k
5k 10k 20k
50
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
2
5
0.2
0.5
0.02
0.05
0.002
0.005
20
100 200
500 1k 2k
5k 10k 20k
50
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
2
5
0.2
0.5
0.02
0.05
0.002
0.005
20
100 200
500 1k 2k
5k 10k 20k
50
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
2
5
0.2
0.5
0.02
0.05
0.002
0.005
20
100 200
500 1k 2k
5k 10k 20k
50
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.3V, RL = 8Ω, PO = 250mW
VDD = 3.3V, RL = 8Ω, PO = 250mW
Diff In, Mode 1
Diff In, Mode 5
Figure 24.
Figure 25.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.3V, RL = 8Ω, PO = 250mW
VDD = 3.3V, RL = 32Ω, PO = 12mW
Diff In, Mode 3
Mode 2, OCL
Figure 26.
Figure 27.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.3V, RL = 32Ω, PO = 12mW
VDD = 3.3V, RL = 32Ω, PO = 12mW
Mode 2, SE
Mode 4,7, OCL
Figure 28.
Figure 29.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com