Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-2 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # JS-2
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-2 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button JS-2 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center JS-2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6 sensing.honeywell.com
SM Series
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ SM SERIES ORDER GUIDE • PIN PLUNGER
Catalog
Listing
Recommended For
O.F.
N [oz]
R.F. min.
N [ oz]
P.T. max.
mm [in]
O.T. min.
mm [in]
D.T.
mm [in]
O.P. *
mm [in]
11SM1077-T
Gold-plated contacts
0.1 A
P
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
12SM604
-T
Bifurcated gold contacts,
reduced rating
0.1 A
P
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,076
[0.003]
0,1 [0.004]
8,38
[0.330]
11SM23
-T
Gold-plated contacts
1 A
N
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
12SM4-T
Enhanced reliability
(bifurcated gold contacts)
1 A
N
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,076
[0.003]
0,1 [0.004]
8,38
[0.330]
11SM701-T
Lower force
4 A
S
0,56 [2]
0,14 [0.5]
0,51
[0.020]
0,13
[0.005]
0,051
[0.002]
8,38
[0.330]
11SM1-T
General purpose
5 A
J
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
11SM3-T
Operating temps to 121 °C
[250 °F]
5 A
J
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
11SM244-T
Operating temps to 204 °C
[400 °F] for 100 hours
5 A
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
11SM401-T
Less differential travel
5 A
K
0,97 [3.5]
max.
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,025
[0.001]
8,38
[0.330]
21SM284-T2
(MS25085-2)
MIL-PRF-8805
applications
5 A
R
0,83 to 1,39
[3 to 5]
0,28 [1]
0,76
[0.030]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
21SM284
(MS25085-1)
MIL-PRF-8805
applications, solder
terminals
5 A
R
0,83 to 1,39
[3 to 5]
0,28 [1]
0,76
[0.030]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
22SM1-T
Enhanced stability under
varying humidity
5 A
J
0,83 to 1,39
[3 to 5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
41SM1-T
Up to 11 A, 1/4 HP (ac)
11 A
M
0,83 to 1,39
[3 to 5]
0,28 [1]
0,76
[0.030]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
411SM1
Sealed plunger construc-
tion
5 A
K
0,83 to 2,09
[3 to 7.5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
411SM23
Sealed plunger construc-
tion, gold contacts
1 A
N
0,83 to 2,09
[3 to 7.5]
0,28 [1]
0,51
[0.020]
0,13
[0.005]
0,1 [0.004]
8,38
[0.330]
* except where stated ±0,38 mm [±0.015 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com