Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-5 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # JS-5
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-5 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  JS-5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Premium Subminiature Basic Switches
Table 1. Specifications
Characteristic
Parameter
Differentiator
low operating force to 2 oz. max; power load switching capability to 11 A;
motor load handling capacity to 1/4 HP (Vac)
Ampere rating
0.1 A to 11 A
Circuitry
SPDT
Operating force
0.04 oz to 2 oz
Termination
quick connect, solder, pcb
Actuator
pin plunger, straight lever, roller lever, simulated roller lever, paddle lever
Voltage
115 Vac, 125 Vac, 250 Vac, 30 Vdc
Agency approvals
UL, CE, CSA, ENEC, MIL-PRF-8805, FAA-PMA
Agency file information
CE: 61058-1; UL: E12252; CSA: LR41372
Operating temperature
-54 °C to 121 °C [-65 °F to 250 °F]; select catalog listings 204 °C [400 °F]
Contacts
silver, gold plated, bifurcated gold
Housing
phenolic
Sealing
sealed plunger on 411SM Series, other SM Series not weather sealed
Mechanical life
up to 10,000,000 operations for 11SM listings
up to 80,000 operations for 1SM/14SM listings
up to 1,000,000 operations for gold bifurcated contacts
Size
12,7 mm H x 6,35 mm W x 20,3 mm L [0.5 in H x 0.25 in W x 0.8 in L]
Electrical data and UL codes
Table 2. UL Electrical Ratings
Code
Circuitry
Electrical data and UL codes
J
SPDT
5 A res., 3 A ind., (sea level),
5 A res., 2.5 A ind., (50,000 feet), 28 Vdc. UL rating: 5 A, 250 Vac
K
SPDT
UL rating: 5 A, 125 or 250 Vac
M
SPDT
UL rating: 11 A and 1/4 hp, 125 or 250 Vac
N
SPDT
1 A res., 0.5 A ind., 30 Vdc. UL rating: 1 A, 125 Vac
P
SPDT
1 A res., 30 Vdc. UL rating: .1 A, 125 Vac
R
SPDT
5 A res., 3 A ind., 2.4 A lamp load (sea level),
5 A res., 2.5 A ind., 2.4 A lamp load, (50,000 feet), 28 Vdc.
5 A res., 5 A ind., 1.5 A lamp load, 115 Vac. 60 Hz (sea level)
S
SPDT
UL rating: 4 A, 250 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com