Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-246 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # JS-246
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-246 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button JS-246 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 9Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 10Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 11Page - Honeywell Solid State Electronics Center JS-246 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8 sensing.honeywell.com
SM Series
NUMERIC DESIGNATIONS FOR MICRO SWITCH™ SM SERIES/ORDER GUIDE
Prefix
Description
1SM
Standard pin plunger construction, up to 80,000
operations
11SM
Long-life pin plunger construction, up to 10,000,000
operations
12SM
Gold bifurcated contacts
21SM
Same as 1SM (formerly had DAP material)
22SM
Same as 11SM (formerly had DAP material)
23SM
Same as 12SM (formerly had DAP material)
41SM
11 A construction (11SM construction)
101SM
1SM with an integral leaf actuator
111SM
11SM with an integral spring leaf
112SM
12SM with an integral spring leaf
122SM
22SM with an integral spring leaf
151SM
51SM with an integral spring leaf
301SM
1SM with an integral rigid lever
302SM
1SM with an integral roller lever
311SM
Integral rigid lever
321SM
21SM with an integral rigid lever
322SM
22SM with an integral rigid lever
401SM
Dust/splash resistant 1SM
411SM
Dust/splash resistant 11SM
412SM
Dust/splash resistant 12SM
Suffix
Description
23
Gold contacts
400
Low differential travel series
500
Reverse terminal designation
700
Low force series
1000
Gold alloy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com