Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-221 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # JS-221
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-221 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  JS-221 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-221 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 sensing.honeywell.com
What makes our switches better?
• Industry-leading life cycle rating reduces the need to
replace switches over life in an OEM platform – reducing
total system cost
Very wide temperature range allows for years of reliable
performance in the harshest of conditions
MIL-PRF-8805 qualified listings
Operating forces as low as 0,06 N [6 g] and differential travel
as low as 0,025 mm [0.001 in] delivers consistent, precise
switch characteristics
MICRO SWITCH™ SM Series
Premium Subminiature Basic Switches
The industry-defining name in snap-action switches, Honeywell MICRO SWITCH™ premium subminiature
switches are designed for repeatability and enhanced product life. The MICRO SWITCH™ SM Series
delivers consistent performance within a range of conditions.
The MICRO SWITCH™ SM Series’ small size and light weight are combined with ample electrical capacity,
precision operation, and extended life. Featuring high precision and repeatability, the SM Series offers gold
contacts for low-energy switching and gold bifurcated contacts for maximum reliability. Bifurcated contacts
provide parallel redundancy within the SM switch.
The SM switch is available for power-duty switching up to 11 A (Vac) or 1/4 HP (Vac).
COST OPTIMIZATION • PERFORMANCE
RELIABILITY • GLOBAL ACCEPTANCE
Designed for
precision applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com